Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC866440B Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LC866440B
Description  8-Bit Single Chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866440B Fiches technique(HTML) 9 Page - Sanyo Semicon Device

Back Button LC866440B Datasheet HTML 5Page - Sanyo Semicon Device LC866440B Datasheet HTML 6Page - Sanyo Semicon Device LC866440B Datasheet HTML 7Page - Sanyo Semicon Device LC866440B Datasheet HTML 8Page - Sanyo Semicon Device LC866440B Datasheet HTML 9Page - Sanyo Semicon Device LC866440B Datasheet HTML 10Page - Sanyo Semicon Device LC866440B Datasheet HTML 11Page - Sanyo Semicon Device LC866440B Datasheet HTML 12Page - Sanyo Semicon Device LC866440B Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LC866448B/44B/40B/36B/32B/28B/24B/20B/16B/12B/08B
No.6699-9/21
*A state of pins at reset
Pin name
Input/output mode
A state of pull-up resistor specified at pull-up option
Port 0
Input
Fixed pull-up resistor OFF
Ports 1,3
Input
Programmable pull-up resistor OFF
Ports 70,71,72,73
Input
Fixed pull-up resistor OFF
S0/T0 to S15/T15
P channel Transistor OFF
S16 to S37
P channel Transistor OFF
[Notes]
When connecting to the power supply, the power pins must be connected like following figure.
In case for the LC866448B/44B/40B/36B/32B/28B/24B/20B/16B/12B/08B
In case for the LC866432A/28A/24A/20A/16A/12A/08A
*1 Each of the power pins, VDD1 and VDD2, should be connected the capacitors for reducing the noise into the VDD1 pin.
LSI
VDD1
VDD2
(VFD power
pin)
VSS1 VSS2
Power
Supply
For back-up
LSI
VDD1
VDD2
(VFD power
pin)
VSS1 VSS2
Power
Supply
For back-up


Numéro de pièce similaire - LC866440B

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC866440 SANYO-LC866440 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866440 SANYO-LC866440 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Description similaire - LC866440B

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com