Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC865612A Fiches technique(PDF) 11 Page - Sanyo Semicon Device

No de pièce LC865612A
Description  8-Bit Single Chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865612A Fiches technique(HTML) 11 Page - Sanyo Semicon Device

Back Button LC865612A Datasheet HTML 7Page - Sanyo Semicon Device LC865612A Datasheet HTML 8Page - Sanyo Semicon Device LC865612A Datasheet HTML 9Page - Sanyo Semicon Device LC865612A Datasheet HTML 10Page - Sanyo Semicon Device LC865612A Datasheet HTML 11Page - Sanyo Semicon Device LC865612A Datasheet HTML 12Page - Sanyo Semicon Device LC865612A Datasheet HTML 13Page - Sanyo Semicon Device LC865612A Datasheet HTML 14Page - Sanyo Semicon Device LC865612A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LC865632/28/24/20/16/12/08A
No.6698-11/20
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
FmCF(1)
CF1, CF2
•6MHz
(ceramic
resonator
oscillation)
•Refer to figure 1
4.5-6.0
6
FmCF(2)
CF1, CF2
•1.5MHz
(ceramic resonator
oscillation)
•Refer to figure 1
2.5-6.0
1.5
FmRC
RC oscillation
2.5-6.0
0.3
0.8
3.0
MHz
Oscillation
frequency
range
(Note 1)
FsXtal
XT1, XT2
•32.768kHz
(crystal oscillation)
•Refer to figure 2
2.5-6.0
32.768
kHz
tmsCF(1)
CF1, CF2
•6MHz
(ceramic resonator
oscillation)
•Refer to figure 3
4.5-6.0
4.5-6.0
tmsCF(2)
CF1, CF2
•1.5MHz
(ceramic resonator
oscillation)
•Refer to figure 3
2.5-6.0
ms
4.5-6.0
Oscillation
stabilizing
time period
(Note 1)
tssXtal
XT1, XT2
•32.768kHz
(crystal oscillation)
•Refer to figure 3
2.5-6.0
s
(Note 1) The oscillation constant is shown on table 1 and table 2.


Numéro de pièce similaire - LC865612A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC865612 SANYO-LC865612 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC865612 SANYO-LC865612 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Description similaire - LC865612A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com