Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC865620A Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LC865620A
Description  8-Bit Single Chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865620A Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LC865620A Datasheet HTML 1Page - Sanyo Semicon Device LC865620A Datasheet HTML 2Page - Sanyo Semicon Device LC865620A Datasheet HTML 3Page - Sanyo Semicon Device LC865620A Datasheet HTML 4Page - Sanyo Semicon Device LC865620A Datasheet HTML 5Page - Sanyo Semicon Device LC865620A Datasheet HTML 6Page - Sanyo Semicon Device LC865620A Datasheet HTML 7Page - Sanyo Semicon Device LC865620A Datasheet HTML 8Page - Sanyo Semicon Device LC865620A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LC865632/28/24/20/16/12/08A
No.6698-3/20
(11) Interrupts system
- 13-sources 10-vectored interrupts :
1. External interrupt INT0 (include watchdog timer)
2. External interrupt INT1
3. External interrupt INT2, timer / counter T0L (Lower 8 bits)
4. External interrupt INT3, base timer
5. Timer / counter T0H (Upper 8-bit)
6. Timer T1L, Timer T1H
7. Serial interface SIO0
8. Serial interface SIO1
9. AD converter
10. Port 0
- Built-in interrupt priority control register
Microcontroller allows 3 levels of interrupt; low level, high level, and highest level of multiplex interrupt. It can specify
a low level or a high level interrupt priority from INT2/T0L through port 0 (i.e. the above interrupt number from three
through ten). It can also specify a low level or the highest level interrupt priority to INT0 and INT1.
(12) Real-time service operation
The Real-Time Service (RTS) functions the 4-byte data-transfer between the Special Function Registers at acknowledging
the interrupt request.
The RTS starts within 1 instruction cycle-time and completes within 5 instructions cycle-time after occurring the interrupt
request.
(13) Sub-routine stack levels
- 128 levels (Max.) : stack area included in RAM area
(14) Multiplication and division
- 16 bits
× 8-bit (7 instruction cycle times)
- 16 bits ÷ 8-bit (7 instruction cycle times)
(15) Three oscillation circuits
- On-chip RC oscillation circuit using for the system clock
- On-chip CR oscillation circuit using for the system clock
- On-chip crystal oscillation circuit using for the system clock and for time-base clock
XT1 terminal can be used as P74
(16) Standby function
- HALT mode function
The HALT mode is used to reduce the power dissipation. In this operation mode, the program execution is stopped. This
operation mode can be released by the interrupt request signals or the initial system reset request signal.
- HOLD mode function
The HOLD mode is used to freeze all the oscillations ;
RC (internal), CF and Crystal oscillations.
This mode can be released by the following operations.
• Reset terminal ( RES ) set to low level
• P70/INT0, P71/INT1 terminals set to assigned level (programmable)
• Input a Port 0 interrupt condition
(17) Factory shipment
• DIP64S, QFP64E delivery form
(18) Development support tools
- Evaluation (EVA) chip
: LC866098
- EPROM version
: LC86E5632
- One time version
: LC86P5632
- Emulator
: EVA86000 + ECB866600 (Evaluation chip board)
+ POD865000 (Pod for DIP64S)
+ POD865010 (Pod for QFP64E)


Numéro de pièce similaire - LC865620A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC865620 SANYO-LC865620 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC865620 SANYO-LC865620 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Description similaire - LC865620A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com