Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC863420A Fiches technique(PDF) 11 Page - Sanyo Semicon Device

No de pièce LC863420A
Description  8-Bit Single-Chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863420A Fiches technique(HTML) 11 Page - Sanyo Semicon Device

Back Button LC863420A Datasheet HTML 7Page - Sanyo Semicon Device LC863420A Datasheet HTML 8Page - Sanyo Semicon Device LC863420A Datasheet HTML 9Page - Sanyo Semicon Device LC863420A Datasheet HTML 10Page - Sanyo Semicon Device LC863420A Datasheet HTML 11Page - Sanyo Semicon Device LC863420A Datasheet HTML 12Page - Sanyo Semicon Device LC863420A Datasheet HTML 13Page - Sanyo Semicon Device LC863420A Datasheet HTML 14Page - Sanyo Semicon Device LC863420A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LC863432A/28A/24A/20A/16A
No.6846-11/19
3. Electrical Characteristics at Ta=-10
°C to +70°C, VSS=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
IIH(1)
Ports 0, 1, 3, 7
•Output disable
•Pull-up MOS Tr.
OFF
•VIN=VDD
(including the off-
leak current of the
output Tr.)
4.5 to 5.5
1
High level
input current
IIH(2)
• RES
• HS , VS
•VIN=VDD
4.5 to 5.5
1
IIL(1)
Ports 0, 1, 3, 7
•Output disable
•Pull-up MOS
Tr. OFF
•VIN=VSS
(including the off-
leak current of the
output Tr.)
4.5 to 5.5
-1
Low level
input current
IIL(2)
• RES
• HS , VS
VIN=VSS
4.5 to 5.5
-1
µA
VOH(1)
•CMOS output of
ports 0,1,3,71-73
IOH=-1.0mA
4.5 to 5.5
VDD-1
High level
output voltage
VOH(2)
R, G, B, BL
IOH=-0.1mA
R.G.B: digital mode
4.5 to 5.5 VDD-0.5
VOL(1)
Ports 0,1,3,71-73
IOL=10mA
4.5 to 5.5
1.5
VOL(2)
Ports 0,3,71-73
IOL=1.6mA
4.5 to 5.5
0.4
VOL(3)
•R, G, B, BL
•Port 1
IOL=3.0mA
R.G.B: digital mode
4.5 to 5.5
0.4
Low level
output voltage
VOL(4)
Port 70
IOL=1mA
4.5 to 5.5
0.4
V
Pull-up MOS
Tr. resistance
Rpu
•Ports 0, 1, 3, 7
VOH=0.9VDD
4.5 to 5.5
13
38
80
k
Bus terminal
short circuit
resistance
(SCL0-SCL1,
SDA0-SDA1)
RBS
•P10-P12
•P11-P13
4.5 to 5.5
130
Hysteresis
voltage
VHIS
•Ports 1, 3, 7
• RES
• HS , VS
Output disable
4.5 to 5.5
0.1VDD
Input clump
votage
VCLMP
CVIN
5.0
2.3
2.5
2.7
V
Pin
capacitance
CP
All pins
•f=1MHz
•Every other
terminals are
connected to VSS.
•Ta=25
°C
4.5 to 5.5
10
pF


Numéro de pièce similaire - LC863420A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863420B SANYO-LC863420B Datasheet
528Kb / 17P
   8-bit 1-chip Microcontroller
LC863420C SANYO-LC863420C Datasheet
126Kb / 18P
   8-bit 1-chip Microcontroller
More results

Description similaire - LC863420A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com