Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC863432A Fiches technique(PDF) 8 Page - Sanyo Semicon Device

No de pièce LC863432A
Description  8-Bit Single-Chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863432A Fiches technique(HTML) 8 Page - Sanyo Semicon Device

Back Button LC863432A Datasheet HTML 4Page - Sanyo Semicon Device LC863432A Datasheet HTML 5Page - Sanyo Semicon Device LC863432A Datasheet HTML 6Page - Sanyo Semicon Device LC863432A Datasheet HTML 7Page - Sanyo Semicon Device LC863432A Datasheet HTML 8Page - Sanyo Semicon Device LC863432A Datasheet HTML 9Page - Sanyo Semicon Device LC863432A Datasheet HTML 10Page - Sanyo Semicon Device LC863432A Datasheet HTML 11Page - Sanyo Semicon Device LC863432A Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LC863432A/28A/24A/20A/16A
No.6846-8/19
Terminal
I/O
Function Description
Option
Port 7
•4-bit input/output port
Input or output can be specified for each bit
P70: I/O with programmable pull-up resister
P71 to P73: CMOS output/input with programmable pull-up
resister
•Other function
P70
P71
P72
P73
INT0 input/HOLD release input/
Nch-Tr. output for wachdog timer
INT1 input/HOLD release input
INT2 input/Timer 0 event input
INT3 input (noise rejection filter connected)
/
Timer 0 event input
Interrupt receiver format, vector addresses
rising
falling
rising/
falling
H level
L level
vector
INT0
enable
enable
disable
enable
enable
03H
INT1
enable
enable
disable
enable
enable
0BH
INT2
enable
enable
enable
disable
disable
13H
P70
P71 to P73
I/O
INT3
enable
enable
enable
disable
disable
1BH
Note: A capacitor of at least 10µF must be inserted between VDD and VSS when using this IC.
• Output form and existance of pull-up resistor for all ports can be specified for each bit.
• Programmable pull-up resistor is always connected regardless of port option, CMOS or N-ch open drain output in port 1.
• Port status in reset
Terminal
I/O
Pull-up resistor status at selecting CMOS output option
Port 0
I
Pull-up resistor OFF, ON after reset release
Port 1
I
Programmable pull-up resistor OFF


Numéro de pièce similaire - LC863432A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863432B SANYO-LC863432B Datasheet
528Kb / 17P
   8-bit 1-chip Microcontroller
LC863432C SANYO-LC863432C Datasheet
126Kb / 18P
   8-bit 1-chip Microcontroller
More results

Description similaire - LC863432A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com