Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CZT3090L Fiches technique(PDF) 1 Page - Central Semiconductor Corp

No de pièce CZT3090L
Description  SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT3090L Fiches technique(HTML) 1 Page - Central Semiconductor Corp

  CZT3090L_10 Datasheet HTML 1Page - Central Semiconductor Corp CZT3090L_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZT3090L
SURFACE MOUNT
LOW VCE(SAT) NPN
SILICON POWER TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT3090L is a
Low VCE(SAT) NPN Transistor in a space saving
Power SOT-223 surface mount package, designed for
DC-DC converters for mobile systems and LAN cards,
motor control, power management and strobe flash
units.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
45
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
3.0
A
Peak Collector Current
ICM
6.0
A
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=20V
100
nA
IEBO
VEB=5.0V
100
nA
BVCBO
IC=10µA
45
V
BVCEO
IC=10mA
15
V
BVEBO
IE=10µA
6.0
V
VCE(SAT)
IC=100mA, IB=1.0mA
30
50
mV
VCE(SAT)
IC=1.0A, IB=20mA
60
150
mV
VCE(SAT)
IC=2.0A, IB=200mA
85
200
mV
VCE(SAT)
IC=3.0A, IB=60mA
145
300
mV
hFE
VCE=2.0V, IC=500mA
200
hFE
VCE=2.0V, IC=1.0A
200
hFE
VCE=2.0V, IC=3.0A
175
Cob
VCB=10V, f=1.0MHz
100
pF
fT
VCE=10V, IC=500mA
100
MHz
SOT-223 CASE
SOT-223 CASE
R3 (1-March 2010)
www.centra lsemi.com


Numéro de pièce similaire - CZT3090L_10

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CZT3090L CENTRAL-CZT3090L_15 Datasheet
603Kb / 2P
   SILICON POWER TRANSISTOR
More results

Description similaire - CZT3090L_10

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Analogic Techn...
CXT3090L ANALOGICTECH-CXT3090L Datasheet
81Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT3090L CENTRAL-CZT3090L Datasheet
76Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
CXT3090L CENTRAL-CXT3090L Datasheet
360Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
CMXT3090L CENTRAL-CMXT3090L Datasheet
419Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
CMPT3090L CENTRAL-CMPT3090L_10 Datasheet
463Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
CMPT3410 CENTRAL-CMPT3410 Datasheet
116Kb / 2P
   SURFACE MOUNT NPN SILICON LOW VCE (SAT) TRANSISTOR
CMPT3410 CENTRAL-CMPT3410_10 Datasheet
393Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) NPN SILICON TRANSISTOR
CMPT3090L CENTRAL-CMPT3090L Datasheet
106Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) NPN POWER TRANSISTOR
logo
Diodes Incorporated
DJT4031N DIODES-DJT4031N_15 Datasheet
114Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4160U DIODES-DSS4160U_15 Datasheet
173Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com