Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC78856M Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LC78856M
Description  Built-in Digital Filter D/A Converters for Digital Audio
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78856M Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LC78856M Datasheet HTML 1Page - Sanyo Semicon Device LC78856M Datasheet HTML 2Page - Sanyo Semicon Device LC78856M Datasheet HTML 3Page - Sanyo Semicon Device LC78856M Datasheet HTML 4Page - Sanyo Semicon Device LC78856M Datasheet HTML 5Page - Sanyo Semicon Device LC78856M Datasheet HTML 6Page - Sanyo Semicon Device LC78856M Datasheet HTML 7Page - Sanyo Semicon Device LC78856M Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
No. 5128-5/8
LC78856M, 78856V
Pin Functions
SSOP
MFP
Symbol
Function
1
1
RSTB
Reset input (A low-level input resets the LSI internal circuits.)
2
2
CNT1
Emphasis on/off switching input
3
3
CNT2
Standard speed/double speed switching input
4
4
CNT3
Soft mute input
5
5
BCLK
Bit clock input
6
6
LRCK
LR clock input
7
7
DATA
Digital audio data input
10
8
MODE
Input format setting
11
9
CKO
Clock output
12
10
XVDD
Oscillator amplifier power supply
13
11
XIN
Oscillator amplifier input
14
12
XOUT
Oscillator amplifier output
15
13
XGND
Oscillator amplifier ground
16
14
DGND
Digital system ground
17
15
MRO
Right channel mute signal output
18
16
TEST
Test pin (Must be tied low in normal operation.)
19
17
AVDD4
Analog system power supply
20
18
OUTRA
Right channel output A
21
19
AGND2
Analog system ground
22
20
OUTRB
Right channel output B
23
21
AVDD3
Analog system power supply
24
22
AVDD2
Analog system power supply
25
23
OUTLB
Left channel output B
26
24
AGND1
Analog system ground
27
25
OUTLA
Left channel output A
28
26
AVDD1
Analog system power supply
29
27
MLO
Left channel mute signal output
30
28
DVDD
Digital system power supply
Operating Description
The LC78856M and LC78856V internal circuits can be roughly divided into the digital filter block and the 1-bit D/A
converter block.
[Digital Filter Block]
1. Standard Speed
The LC78856M and LC78856V implements 8
× oversampling using three FIR filters: a 43rd-order filter, an 11th-
order filter, and a 3rd-order filter. A 1st-order IIR filter is used for de-emphasis.
2. Double Speed
Double-speed playback is used, for example, for dubbing CDs to audio tape at double speed. Here, the same
frequency is used for XIN, but BCLK, LRCK and DATA are input at twice the rates used in standard-speed
playback. After de-emphasis is applied with a 1st-order IIR filter, the signal is 4
× oversampled using a 43rd-order
FIR filter and a 3rd-order FIR filter.


Numéro de pièce similaire - LC78856M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC78850 SANYO-LC78850 Datasheet
166Kb / 8P
   Two-channel,16- and 18-bit D/A Converters for Digital Audio
LC78850Q SANYO-LC78850Q Datasheet
166Kb / 8P
   Two-channel,16- and 18-bit D/A Converters for Digital Audio
LC78855 SANYO-LC78855 Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
LC78857V SANYO-LC78857V Datasheet
199Kb / 11P
   Digital Audio D/A Converter IC with On-Chip Digital Filters
More results

Description similaire - LC78856M

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPD63210 NEC-UPD63210 Datasheet
141Kb / 18P
   16-BIT D/A CONVERTER WITH BUILT-IN DIGITAL FILTER FOR AUDIO
logo
Sanyo Semicon Device
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
logo
Nippon Precision Circui...
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
logo
Sanyo Semicon Device
LC78833M SANYO-LC78833M Datasheet
295Kb / 11P
   Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
logo
Cirrus Logic
CS5336 CIRRUS-CS5336 Datasheet
681Kb / 34P
   16-Bit, Stereo A/D Converters for Digital Audio
logo
Sanyo Semicon Device
LC8390M SANYO-LC8390M Datasheet
227Kb / 11P
   16bits A/D and D/A Converters for Digital Audio Systems
logo
Cirrus Logic
CS5336 CIRRUS-CS5336_V01 Datasheet
816Kb / 34P
   16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
logo
Sanyo Semicon Device
LC78835K SANYO-LC78835K Datasheet
400Kb / 14P
   18 Bits Digital Filter and D/A Converter for Digital Audio
LC7883K SANYO-LC7883K Datasheet
205Kb / 10P
   16-bit Digital Filter and Digital-to-analog Converters for Digital Audio
logo
Cirrus Logic
CS5326 CIRRUS-CS5326 Datasheet
688Kb / 19P
   16 & 18-Bit, Stereo A/D Converters for Digital Audio
MAR 92
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com