Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75874 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC75874
Description  1/4-Duty General-Purpose LCD Display Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75874 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC75874 Datasheet HTML 1Page - Sanyo Semicon Device LC75874 Datasheet HTML 2Page - Sanyo Semicon Device LC75874 Datasheet HTML 3Page - Sanyo Semicon Device LC75874 Datasheet HTML 4Page - Sanyo Semicon Device LC75874 Datasheet HTML 5Page - Sanyo Semicon Device LC75874 Datasheet HTML 6Page - Sanyo Semicon Device LC75874 Datasheet HTML 7Page - Sanyo Semicon Device LC75874 Datasheet HTML 8Page - Sanyo Semicon Device LC75874 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Overview
The LC75874E and LC75874W are 1/4-duty general-
purpose microprocessor-controlled LCD driver that can be
used in applications such as frequency display in products
with electronic tuning. In addition to being able to drive
up to 264 segments directly, the LC75874E and
LC75874W can also control up to 8 general-purpose
output ports.
Since the LC75874E and LC75874W use separate power
supply systems for the LCD drive block and the logic
block, the LCD driver block power-supply voltage can be
set to any voltage in the range 2.7 to 6.0 V, regardless of
the logic block power-supply voltage.
Features
• Support for 1/4-duty 1/2-bias or 1/4-duty 1/3-bias drive
techniques under serial data control (up to
264 segments)
• Serial data input supports CCB format communication
with the system controller.
• Serial data control of the power-saving mode based
backup function and the all segments forced off
function.
• Serial data control of switching between the segment
output port and general-purpose output port functions.
• High generality, since display data is displayed directly
without the intervention of a decoder circuit.
• Independent VLCD for the LCD driver block (VLCD can
be set to any voltage in the range 2.7 to 6.0 V,
regardless of the logic block power-supply voltage.)
• The INH pin allows the display to be forced to the off
state.
• RC oscillator circuit
Package Dimensions
unit: mm
3174-QFP80E
unit: mm
3220-SQFP80
CMOS LSI
Ordering number : EN5800
31398RM (OT) No. 5800-1/16
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
LC75874E, 75874W
1/4-Duty General-Purpose LCD Display Driver
[LC75874E]
SANYO: QFP80E
[LC75874W]
SANYO: SQFP80
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.


Numéro de pièce similaire - LC75874

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75873NW SANYO-LC75873NW Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878W SANYO-LC75878W Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878W SANYO-LC75878W Datasheet
263Kb / 35P
   General-Purpose LCD Display Driver
More results

Description similaire - LC75874

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Sanyo Semicon Device
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com