Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75852W Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LC75852W
Description  Asynchronous Silicon Gate 1/2 Duty LCD Driver with On-Chip Key Input Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75852W Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LC75852W Datasheet HTML 1Page - Sanyo Semicon Device LC75852W Datasheet HTML 2Page - Sanyo Semicon Device LC75852W Datasheet HTML 3Page - Sanyo Semicon Device LC75852W Datasheet HTML 4Page - Sanyo Semicon Device LC75852W Datasheet HTML 5Page - Sanyo Semicon Device LC75852W Datasheet HTML 6Page - Sanyo Semicon Device LC75852W Datasheet HTML 7Page - Sanyo Semicon Device LC75852W Datasheet HTML 8Page - Sanyo Semicon Device LC75852W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Block Diagram
Pin Functions
No. 4828-4/16
LC75852E, 75852W
Pin
Pin No.
Function
Active
I/O
Handling when
unused
S1/P1 to S4/P4
S5 to S43
COM1
COM2
KS1/S44,
KS2/S45,
KS3 to KS6
KI1 to KI5
OSC
CE
CL
DI
DO
RES
V
DD
V
SS
1 to 4
5 to 43
44
45
46
47
48 to 51
52 to 56
57
62
63
64
61
59
60
58
Segment outputs: Used to output the display data that is transmitted over the
serial data input. Pins S1/P1 to S4/P4 can be used as general-purpose outputs
according to control data specification.
Common driver outputs. The frame frequency f
O is (fOSC/512) Hz.
Key scan outputs. When a key matrix is formed, normally a diode will be
attached to the key scan timing line to prevent shorts. However, since the
output transistor impedance is an unbalanced CMOS output, it will not be
damaged if shorted. Pins KS1/S44 and KS2/S45 can be used as segment
outputs according to control data specification.
Key scan inputs: Pins with a built-in pull-down resistor.
Oscillator connection: Oscillator circuit can be formed by connecting the pin to
a resistor and a capacitor.
CE: Chip enable
CL: Synchronization clock
DI: Transfer data
DO: Output data
Serial data interface: Connected
to the controller. Since DO is an
open-drain output, it requires a
pull-up resistor.
Reset input that re-initializes the LSI internal states. During a reset, the display
segments are turned off forcibly regardless of the internal display data. All
internal key data is reset to low and the key scan operation is disabled.
However, serial data can be input during a reset.
Power supply connection. A supply voltage of between 4.5 and 6.0 V must be
provided.
Power supply ground connection. Must be connected to GND.
H
H
L
O
O
O
I
I/O
I
I
I
O
I
Open
Open
Open
GND
V
DD
GND
Open
GND


Numéro de pièce similaire - LC75852W

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC75852W-E ONSEMI-LC75852W-E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
LC75852W-TML-E ONSEMI-LC75852W-TML-E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
More results

Description similaire - LC75852W

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Princeton Technology Co...
PT6552 PTC-PT6552 Datasheet
898Kb / 22P
   쩍 Duty LCD Driver with On-Chip Key Input Function
logo
ON Semiconductor
EN4828 ONSEMI-EN4828 Datasheet
355Kb / 16P
   Asynchronous Silicon Gate 1/2 Duty LCD Driver
July, 2013
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75742E SANYO-LC75742E Datasheet
308Kb / 18P
   1/2 Duty VFD Driver with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
ON Semiconductor
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
   LCD DRIVER WITH ON-CHIP KEY INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com