Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75834JE Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LC75834JE
Description  1/4 Duty General-Purpose LCD Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75834JE Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LC75834JE Datasheet HTML 1Page - Sanyo Semicon Device LC75834JE Datasheet HTML 2Page - Sanyo Semicon Device LC75834JE Datasheet HTML 3Page - Sanyo Semicon Device LC75834JE Datasheet HTML 4Page - Sanyo Semicon Device LC75834JE Datasheet HTML 5Page - Sanyo Semicon Device LC75834JE Datasheet HTML 6Page - Sanyo Semicon Device LC75834JE Datasheet HTML 7Page - Sanyo Semicon Device LC75834JE Datasheet HTML 8Page - Sanyo Semicon Device LC75834JE Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
No. 5597-3/18
LC75834E, 75834W, 75834JE
Electrical Characteristics for the Allowable Operating Ranges
Note: *1 Excluding the bias voltage generation divider resistors built in the VLCD1 and VLCD2. (See Figure 1.)
The LC75834JE do not have the S9, S18, S27, S34 output pins.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis width
VH
CE, CL, DI, INH
0.1 VDD
V
Input high level current
IIH
CE, CL, DI, INH; VI = 6.0 V
5.0
µA
Input low level current
IIL
CE, CL, DI, INH; VI = 0 V
–5.0
µA
VOH 1
S1 to S34; IO = –20 µA
VLCD – 0.9
V
Output high-level voltage
VOH 2
COM1 to COM4; IO = –100 µA
VLCD – 0.9
V
VOH 3
P1 to P8; IO = –1 mA
VLCD – 0.9
V
VOL 1
S1 to S34; IO = 20 µA
0.9
V
Output low-level voltage
VOL 2
COM1 to COM4; IO = 100 µA
0.9
V
VOL 3
P1 to P8; IO = 1 mA
0.9
V
VMID 1
COM1 to COM4; 1/2 bias,
1/2 VLCD – 0.9
1/2 VLCD + 0.9
V
IO = ±100 µA
VMID 2
S1 to S34; 1/3 bias,
2/3 VLCD – 0.9
2/3 VLCD + 0.9
V
IO = ±20 µA
Output middle-level voltage*1
VMID 3
S1 to S34; 1/3 bias,
1/3 VLCD – 0.9
1/3 VLCD + 0.9
V
IO = ±20 µA
VMID 4
COM1 to COM4; 1/3 bias,
2/3 VLCD – 0.9
2/3 VLCD + 0.9
V
IO = ±100 µA
VMID 5
COM1 to COM4; 1/3 bias,
1/3 VLCD – 0.9
1/3 VLCD + 0.9
V
IO = ±100 µA
Oscillator frequency
fOSC
OSC; ROSC = 43 kΩ COSC = 680 pF
40
50
60
kHz
IDD 1
VDD; power saving mode
5
µA
IDD 2
VDD; VDD = 6.0 V, output open, fosc = 50 k Hz
230
460
µA
ILCD 1
VLCD; power saving mode
5
µA
Current drain
ILCD 2
VLCD; VLCD = 6.0 V, output open
100
200
µA
1/2 bias, fosc = 50 k Hz
ILCD 3
VLCD; VLCD = 6.0 V, output open
60
120
µA
1/3 bias, fosc = 50 k Hz


Numéro de pièce similaire - LC75834JE

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75832E ONSEMI-LC75832E Datasheet
174Kb / 22P
   General-Purpose LCD Display Driver
July, 2013
LC75832E ONSEMI-LC75832E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832E-E ONSEMI-LC75832E-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832EH-E ONSEMI-LC75832EH-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
More results

Description similaire - LC75834JE

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75850E SANYO-LC75850E Datasheet
199Kb / 11P
   1/3 Duty General Purpose LCD Drivers???
LC75823E SANYO-LC75823E Datasheet
229Kb / 12P
   1/3 Duty General-Purpose LCD Drivers?
LC75833E SANYO-LC75833E Datasheet
137Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75833E-E SANYO-LC75833E-E Datasheet
142Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75814V SANYO-LC75814V Datasheet
101Kb / 14P
   1/4 Duty General-Purpose LCD Driver
LC75844M SANYO-LC75844M Datasheet
133Kb / 14P
   1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
LC75836WS-T ONSEMI-LC75836WS-T_17 Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75838E SANYO-LC75838E Datasheet
341Kb / 32P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com