Moteur de recherche de fiches techniques de composants électroniques |
|
LC75811E Fiches technique(PDF) 9 Page - Sanyo Semicon Device |
|
LC75811E Fiches technique(HTML) 9 Page - Sanyo Semicon Device |
9 / 27 page No. 5915-9/27 LC75811E, 75811W Reset Function The LC75811E and LC75811W are reset when a low level is applied to the RES pin at power on and, in normal mode. On a reset the LC75811E and LC75811W create a display with all LCD panels turned off. However, after a reset applications must set the contents of DCRAM, ADRAM, and CGRAM before turning on display with a “display on/off control” instruction since the contents of these memories are undefined. That is, applications must execute the following instructions. • Set display technique • DCRAM data write • ADRAM data write (If ADRAM is used.) • CGRAM data write (If CGRAM is used.) • Set AC address After executing the above instructions, applications must turn on the display with a “display on/off control” instruction. Note that when applications turn off in the normal mode, applications must turn off the display with a “display on/off control” instruction. (See the detailed instruction descriptions.) Serial Data Transfer Format • When CL is stopped at the low level Instruction data Up to 64 bits • When CL is stopped at the high level • CCB address: 47H • D0 to D63: Instruction data The data is acquired on the rising edge of the CL signal and latched on the falling edge of the CE signal. When transferring instruction data from the microcontroller, applications must assure that the time from the transfer of one set of instruction data until the next instruction data transfer is significantly longer than the instruction execution time. CCB address 8 bits CCB address 8 bits Instruction data Up to 64 bits |
Numéro de pièce similaire - LC75811E |
|
Description similaire - LC75811E |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |