Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3636L Fiches technique(PDF) 3 Page - Microsemi Corporation

No de pièce 2N3636L
Description  RADIATION HARDENED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3636L Fiches technique(HTML) 3 Page - Microsemi Corporation

  2N3636L Datasheet HTML 1Page - Microsemi Corporation 2N3636L Datasheet HTML 2Page - Microsemi Corporation 2N3636L Datasheet HTML 3Page - Microsemi Corporation 2N3636L Datasheet HTML 4Page - Microsemi Corporation 2N3636L Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0065 Rev. 2 (100377)
Page 3 of 5
SAFE OPERATING AREA
DC Tests
TC = 25°C, 1 Cycle, t = 1.0s
Test 1
VCE = 100Vdc, IC = 30mAdc
VCE = 130Vdc, IC = 20mAdc
2N3634, 2N3635
2N3636, 2N3637
Test 2
VCE = 50Vdc, IC = 95mAdc
Test 3
VCE = 5.0Vdc, IC = 1.0Adc


Numéro de pièce similaire - 2N3636L

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
2N3636L MICROSEMI-2N3636L Datasheet
57Kb / 2P
   PNP SILICON AMPLIFIER TRANSISTOR
2N3636L MICROSEMI-2N3636L Datasheet
174Kb / 5P
   PNP SILICON SWITCHING TRANSISTOR
logo
ON Semiconductor
2N3636L ONSEMI-2N3636L Datasheet
81Kb / 6P
   Low Power Transistors
November, 2013 ??Rev. 1
More results

Description similaire - 2N3636L

FabricantNo de pièceFiches techniqueDescription
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
logo
Actel Corporation
RH1280-CQ172V ACTEL-RH1280-CQ172V Datasheet
249Kb / 30P
   Radiation-Hardened FPGAs
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com