Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N2222A Fiches technique(PDF) 3 Page - Microsemi Corporation

No de pièce 2N2222A
Description  NPN SILICON SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2222A Fiches technique(HTML) 3 Page - Microsemi Corporation

  2N2222A Datasheet HTML 1Page - Microsemi Corporation 2N2222A Datasheet HTML 2Page - Microsemi Corporation 2N2222A Datasheet HTML 3Page - Microsemi Corporation 2N2222A Datasheet HTML 4Page - Microsemi Corporation 2N2222A Datasheet HTML 5Page - Microsemi Corporation 2N2222A Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0060 Rev. 2 (100247)
Page 3 of 6
PACKAGE DIMENSIONS
NOTES:
Dimensions
1. Dimensions are in inches.
Symbol
Inches
Millimeters
Note
2. Millimeters are given for general information only.
Min
Max
Min
Max
3. Beyond r (radius) maximum, TL shall be held for a minimum length
CD
.178
.195
4.52
4.95
of .011 inch (0.28 mm).
CH
.170
.210
4.32
5.33
4. Dimension TL measured from maximum HD.
HD
.209
.230
5.31
5.84
5. Body contour optional within zone defined by HD, CD, and Q.
LC
.100 TP
2.54 TP
6
6. Leads at gauge plane .054 +.001 -.000 inch (1.37 +0.03 -0.00 mm)
LD
.016
.021
0.41
0.53
7,8
below seating plane shall be within .007 inch (0.18 mm) radius of
LL
.500
.750
12.70
19.05
7,8,13
true position (TP) at maximum material condition (MMC) relative to
LU
.016
.019
0.41
0.48
7,8
tab at MMC.
L1
.050
1.27
7,8
7. Dimension LU applies between L1 and L2. Dimension LD applies
L2
.250
6.35
7,8
between L2 and LL minimum. Diameter is uncontrolled in L1 and
P
.100
2.54
beyond LL minimum.
Q
.030
0.76
5
8. All three leads.
TL
.028
.048
0.71
1.22
3,4
9. The collector shall be internally connected to the case.
TW
.036
.046
0.91
1.17
3
10. Dimension r (radius) applies to both inside corners of tab.
r
.010
0.25
10
11. In accordance with ASME Y14.5M, diameters are equivalent to
φx
α
45
° TP
45
° TP
6
symbology.
1, 2, 9, 11, 12, 13
12. Lead 1 = emitter, lead 2 = base, lead 3 = collector.
13. For L suffix devices, dimension LL = 1.5 inches (38.10 mm) min.
and 1.75 inches (44.45 mm) max.
FIGURE 1. Physical dimensions (similar to TO-18).


Numéro de pièce similaire - 2N2222A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
2N2222A PHILIPS-2N2222A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
Foshan Blue Rocket Elec...
2N2222A FOSHAN-2N2222A Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
List of Unclassifed Man...
2N2222A ETC2-2N2222A Datasheet
278Kb / 5P
   High Speed Switching Transistor
logo
STMicroelectronics
2N2222A STMICROELECTRONICS-2N2222A Datasheet
172Kb / 7P
   HIGH SPEED SWITCHES
2N2222A STMICROELECTRONICS-2N2222A Datasheet
73Kb / 8P
   HIGH SPEED SWITCHES
June 1999
More results

Description similaire - 2N2222A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
   Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
   Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
   NPN Silicon Switching Transistor
Nov-30-2001
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
   NPN Silicon Switching Transistor
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
   Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
   Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
MJE13007A STMICROELECTRONICS-MJE13007A Datasheet
63Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com