Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N2369AUB Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce 2N2369AUB
Description  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2369AUB Fiches technique(HTML) 2 Page - Microsemi Corporation

  2N2369AUB Datasheet HTML 1Page - Microsemi Corporation 2N2369AUB Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN SILICON TRANSISTOR
Qualified per MIL-PRF-19500/317
T4-LDS-0057 Rev. 2 (081394)
Page 2 of 2
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Emitter-Base Breakdown Voltage
VEB = 4.5Vdc
10
Emitter-Base Cutoff Current
VEB = 4.0Vdc
IEBO
0.25
μAdc
Collector- Base Breakdown Voltage
VCB = 40Vdc
10
Collector-Base Cutoff Current
VCB = 32Vdc
ICBO
0.2
μAdc
ON CHARACTERISTICS
(1)
Forward-Current Transfer Ratio
IC = 10mAdc, VCE = 0.35Vdc
IC = 30mAdc, VCE = 0.4Vdc
IC = 10mAdc, VCE = 1.0Vdc
IC = 100mAdc, VCE = 1.0Vdc
hFE
40
30
40
20
120
120
120
120
Collector-Emitter Saturation Voltage
IC = 10mAdc, IB = 1.0mAdc
IC = 30mAdc, IB = 3.0mAdc
IC = 100mAdc, IB = 10mAdc
VCE(sat)
0.20
0.25
0.45
Vdc
Base-Emitter Saturation Voltage
IC = 10mAdc, IB = 1.0mAdc
IC = 30mAdc, IB = 3.0mAdc
IC = 100mAdc, IB = 10mAdc
VBE(sat)
0.70
0.80
0.85
0.90
1.20
Vdc
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Forward Current Transfer Ratio
IC = 10mAdc, VCE = 10Vdc, f = 100MHz
|hfe|
5.0
10
Output Capacitance
VCB = 5.0Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Cobo
4.0
pF
Input Capacitance
VEB = 0.5Vdc, IC = 0, 100kHz ≤ f ≤ 1.0MHz
Cibo
5.0
pF
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Time
IC = 10mAdc; IB1 = 3.0mAdc, IB2 = -1.5mAdc
ton
12
ηs
Turn-Off Time
IC = 10mAdc; IB1 = 3.0mAdc, IB2 = -1.5mAdc
toff
18
ηs
Charge Storage Time
IC = 10mAdc; IB1 = 10mAdc, IB2 = 10mAdc
tS
13
ηs
(1) Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%.


Numéro de pièce similaire - 2N2369AUB

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
2N2369AUB MICROSEMI-2N2369AUB Datasheet
66Kb / 2P
   NPN SILICON SWITCHING TRANSISTOR
logo
Semicoa Semiconductor
2N2369AUB SEMICOA-2N2369AUB Datasheet
235Kb / 2P
   Silicon NPN Transistor
logo
Microsemi Corporation
2N2369AUB MICROSEMI-2N2369AUB Datasheet
54Kb / 2P
   NPN SILICON TRANSISTOR
2N2369AUB MICROSEMI-2N2369AUB Datasheet
442Kb / 8P
   TECHNICAL DATA SHEET
2N2369AUBC MICROSEMI-2N2369AUBC Datasheet
54Kb / 2P
   NPN SILICON TRANSISTOR
More results

Description similaire - 2N2369AUB

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com