Moteur de recherche de fiches techniques de composants électroniques |
|
2N3501L Fiches technique(PDF) 3 Page - Microsemi Corporation |
|
2N3501L Fiches technique(HTML) 3 Page - Microsemi Corporation |
3 / 3 page TECHNICAL DATA SHEET 6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803 Website: http: //www.microsemi.com RADIATION HARDENED NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/366 T4-LDS-0056 Rev. 1 (080812) Page 3 of 3 SWITCHING CHARACTERISTICS Parameters / Test Conditions Symbol Min. Max. Unit Turn-On Time VEB = 5Vdc; IC = 150mAdc; IB1 = 15mAdc ton 115 ηs Turn-Off Time IC = 150mAdc; IB1 = IB2 = 15mAdc toff 1150 ηs SAFE OPERATING AREA DC Tests TC = +25°C, tr ≥ 10ηs; 1 Cycle, t = 1.0s Test 1 VCE = 10Vdc, IC = 500mAdc VCE = 16.67Vdc, IC = 300mAdc VCE = 10Vdc, IC = 113mAdc 2N3498, 2N3499 2N3500, 2N3501 2N3501UB Test 2 VCE = 50Vdc, IC = 100mAdc VCE = 50Vdc, IC = 23mAdc All Types 2N3501UB Test 3 VCE = 80Vdc, IC = 40mAdc VCE = 80Vdc, IC = 14mAdc All Types 2N3501UB Clamped Switching TA = +25°C Test 1 IB = 85mAdc, IC = 500mAdc IB = 50mAdc, IC = 300mAdc 2N3498, 2N3499 2N3500, 2N3501 (3) Pulse Test: Pulse Width = 300µs, Duty Cycle ≤ 2.0% |
Numéro de pièce similaire - 2N3501L |
|
Description similaire - 2N3501L |