Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC7537AN Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LC7537AN
Description  Electronic Volume Control System for Audio Equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7537AN Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LC7537AN Datasheet HTML 1Page - Sanyo Semicon Device LC7537AN Datasheet HTML 2Page - Sanyo Semicon Device LC7537AN Datasheet HTML 3Page - Sanyo Semicon Device LC7537AN Datasheet HTML 4Page - Sanyo Semicon Device LC7537AN Datasheet HTML 5Page - Sanyo Semicon Device LC7537AN Datasheet HTML 6Page - Sanyo Semicon Device LC7537AN Datasheet HTML 7Page - Sanyo Semicon Device LC7537AN Datasheet HTML 8Page - Sanyo Semicon Device LC7537AN Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
No. 5190-3/10
LC7537N, 7537AN, 7537NE
Item
Symbol
Condition
Rating
min
typ
max
Unit
Total harmonic
THD(1)
VIN = 1 V, f = 1kHz, all flat overall
0.005
0.01
%
Distortion
THD(2)
VIN = 1 V, f = 20 kHZ, all flat overall
0.006
0.02
%
Crosstalk
CT
VIN = 1 V, f = 1 kHz, all flat, Rg = 1 kΩ
60
95
dB
Vomin(1)
VIN = 1 V, f = 1 kHz, MAIN, VR = ∞, FADER VR = ∞
80
90
dB
Maximum attenuation output
Vomin(2)
VIN = 1 V, f = 1 kHz, MAIN, VR = ∞, VDD = 8 V, FADER VR = ∞,
70
80
dB
VEE = VSS = 0 V, C between VSS and GND of L/R = 1000 µF
RVOL(1)
5 dB-step
12
20
28
k
RVOL(2)
1 dB-step
12
20
28
k
VR resistance voltage
RBASS
12
20
28
k
RTREBLE
12
20
28
k
RFADER
12
20
28
k
Output noise
VN(1)
All flat overall (IHF-A) Rg = 1 kΩ
2
10
µV
VN(2)
Rg = 1 k
Ω, V
DD = 8 V, VEE = VSS = 0 V
2
10
µV
Current drain
IDD
VDD – VEE = 15 V
1
mA
ICC
VCC = 5 V
1
mA
Continued on next page.
Electrical Characteristics at Ta = 25°C, VDD =+7.5 V, VEE =–7.5 V, VCC =+5 V
Pin No.
Symbol
Description of Functions
Remarks
12(8)
L.IN
31(29)
R.IN
9(4)
L.C1
34(33)
R.C1
10(5)
L.C2
33(32)
R.C2
11(6)
L.OUT
32(31)
R.OUT
5(47)
L.FIN
38(38)
R.FIN
4(46)
L.FOUT
3(45)
L.ROUT
39(39)
R.ROUT
40(40)
R.ROUT
15(11)
L.B1
16(9)
L.B2
14(10)
L.B3
28(26)
R.B1
27(28)
R.B2
29(27)
R.B3
17(13)
L.T1
16(12)
L.T2
18(14)
L.T3
26(24)
R.T1
27(25)
R.T2
25(23)
R.T3
7(1)
LCT1
6(48)
LCT2
36(36)
RCT1
37(37)
RCT2
Main volume control block 5 dB-step attenuator input terminals. These pins should be
driven at a low impedance.
Main volume control block 5 dB-step attenuator output terminals. Having been designed
to be open, the step positions will develop errors if at low acceptor impedances, so that as
high load impedances as possible should be provided.
VR resistance : 20 k
VR resistance : 20 k
VR resistance : 20 k
Main volume control block 1 dB-step attenuator input terminals. Theses pins should be
driven at alow impedance.
Main volume control block 1 dB-step attenuator output terminals. Due to the step
positions designed to be open, load impedances as high as possible should be provided to
them, similar to those for the LC1 and RC1.
Fader functions employing mode input terminals. These pins should be driven at a low
impedance.
Fader block output terminals. These pins permit the front and rear sides to be faded out
independently of each other. Attenuations exercised on Lch will be the same as on Rch.
Due to the step positions designed to be open, acceptor impedances as high as possible
should be provided to them.
Pin Description (
) : LC7537AN, 7537NE
Bass tone control block terminals. A total of 15 positions have been provided in 2 dB
steps
Treble tone control block terminals. A total of 15 positions have been provided in 2 dB
steps. The VR resistance value is 20 k
Ω.
VR resistance : 20 k
VR resistance : 20 k
Loudness dedicated terminals. A high-frequency-range correcting C should be put
between CT1 and IN, and low-frequency-range correcting C between CT2 and L–VSS
(R–VSS).


Numéro de pièce similaire - LC7537AN

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7537 SANYO-LC7537 Datasheet
718Kb / 21P
   Electronic Volume Control for Car Stereo Systems
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
LC75372E SANYO-LC75372E Datasheet
481Kb / 18P
   Electronic Volume Control for Car Stereo Systems
LC75373E SANYO-LC75373E Datasheet
718Kb / 21P
   Electronic Volume Control for Car Stereo Systems
LC75374E SANYO-LC75374E Datasheet
383Kb / 17P
   Electronic Volume and Tone Control for Car Stereos
More results

Description similaire - LC7537AN

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7538JM SANYO-LC7538JM Datasheet
283Kb / 13P
   Electronic Volume Control System for Car Audio ?
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
   Single-Chip Electronic Volume Control System
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
   Single-Chip Electronic Volume Control System
logo
ON Semiconductor
LC75344MD ONSEMI-LC75344MD Datasheet
154Kb / 13P
   Two-Channel Electronic Volume Control System
May, 2014
logo
Sanyo Semicon Device
LC75345M SANYO-LC75345M Datasheet
1Mb / 22P
   Electronic Volume Control System on-Chip
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com