Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC7573N Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LC7573N
Description  Electronic Volume Control System for Audio Equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7573N Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LC7573N Datasheet HTML 1Page - Sanyo Semicon Device LC7573N Datasheet HTML 2Page - Sanyo Semicon Device LC7573N Datasheet HTML 3Page - Sanyo Semicon Device LC7573N Datasheet HTML 4Page - Sanyo Semicon Device LC7573N Datasheet HTML 5Page - Sanyo Semicon Device LC7573N Datasheet HTML 6Page - Sanyo Semicon Device LC7573N Datasheet HTML 7Page - Sanyo Semicon Device LC7573N Datasheet HTML 8Page - Sanyo Semicon Device LC7573N Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
No. 2169-4/11
LC7537N, 7537AN, 7537NE
Pin No.
Symbol
Description of Functions
Remarks
8(2)
L-VSS
35(35)
R-VSS
42(42)
INIT
22(20)
CE
20(16)
DI
21(17)
CLK
1(43)
VDD
23(21)
VCC
19(15)
VSS
24(22)
VEE
2(3, 7)
41(18, 30,
NC
34, 41, 44)
(19)
VDD(NC)
Main volume control block fader control common terminals. The impedance of pattern
connected to these pins should be as low as possible. Since L–VSS (R–VSS) and VSS
have not been connected inside the LSI, they should be connected together on the outside
in conformance with their individual specifications. Particular attenuation should be paid to
the capacitance assigned to the capacitors put between L–VSS (R–VSS) and VSS, which
will emerge as a residual resistive component when control is turned down for maximum
attenuation.
Intra-IC latch resetting terminal
Control-setting data at the internal latch will be indeterminate when power has just been
switched on, so that by engaging the “L” level of this pin at power-on, the fader control
may be set at its –
∞ position and muting behaviour is engaged (Note: V
DD to VEE Level).
Chip enable terminal. When this pin is made “H” to “L”, data is written in the internal latch,
activating the various analog switches. When the “H” level is then restored, transfer of the
data will be enabled.
Input terminals for serial data and clock that serve control purposes.
Continued from preceding page.
These pins are connected to the relevant power supplies. Exercise caution against VCC
rising earlier than VDD.
No connect pins. Absolutely nothing should be connected here.
LC7537AN and
LC7537NE only
VDD subterminal. Connected to VDD or left open.


Numéro de pièce similaire - LC7573N

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7573N SANYO-LC7573N Datasheet
169Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
LC7573NM SANYO-LC7573NM Datasheet
169Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
More results

Description similaire - LC7573N

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7538JM SANYO-LC7538JM Datasheet
283Kb / 13P
   Electronic Volume Control System for Car Audio ?
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
   Single-Chip Electronic Volume Control System
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
   Single-Chip Electronic Volume Control System
logo
ON Semiconductor
LC75344MD ONSEMI-LC75344MD Datasheet
154Kb / 13P
   Two-Channel Electronic Volume Control System
May, 2014
logo
Sanyo Semicon Device
LC75345M SANYO-LC75345M Datasheet
1Mb / 22P
   Electronic Volume Control System on-Chip
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com