Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75372E Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LC75372E
Description  Electronic Volume Control for Car Stereo Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75372E Fiches technique(HTML) 9 Page - Sanyo Semicon Device

Back Button LC75372E Datasheet HTML 5Page - Sanyo Semicon Device LC75372E Datasheet HTML 6Page - Sanyo Semicon Device LC75372E Datasheet HTML 7Page - Sanyo Semicon Device LC75372E Datasheet HTML 8Page - Sanyo Semicon Device LC75372E Datasheet HTML 9Page - Sanyo Semicon Device LC75372E Datasheet HTML 10Page - Sanyo Semicon Device LC75372E Datasheet HTML 11Page - Sanyo Semicon Device LC75372E Datasheet HTML 12Page - Sanyo Semicon Device LC75372E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Continued from preceding page.
No. 5330-9/18
LC75372E
Pin No.
Symbol
Equivalent I/O circuit
Function
8
26
9
25
13
12
10
21
22
24
14
19
15
16
17
20
5
29
4
30
11
18
23
L10dBIN
R10dBIN
LSELO
RSELO
L1
L2
L3
R1
R2
R3
VDD
VSS
CE
DI
CL
TEST
L10dBOUT
R10dBOUT
LIN
RIN
NC
• 10-dB volume control inputs
• These inputs must be driven from low-impedance circuits.
Outputs from the input selector
Signal inputs
Power supply connection
Ground
Chip enable. Data is latched internally at the point this pin goes from high to
low. The analog switches operate at that point. Data transfer is enabled when
this pin is high.
Inputs for the serial data and clock used for LSI control.
Test input (Must be left open during normal operation.)
10-dB block outputs
• 1-dB block inputs
• These inputs must be driven by low-impedance circuits.
No-connection pins.


Numéro de pièce similaire - LC75372E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7537 SANYO-LC7537 Datasheet
718Kb / 21P
   Electronic Volume Control for Car Stereo Systems
LC7537 SANYO-LC7537 Datasheet
284Kb / 11P
   Electronic Volume Control System for Audio Equipment
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
LC75373E SANYO-LC75373E Datasheet
718Kb / 21P
   Electronic Volume Control for Car Stereo Systems
LC75374E SANYO-LC75374E Datasheet
383Kb / 17P
   Electronic Volume and Tone Control for Car Stereos
More results

Description similaire - LC75372E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75373E SANYO-LC75373E Datasheet
718Kb / 21P
   Electronic Volume Control for Car Stereo Systems
LC75386NE SANYO-LC75386NE Datasheet
320Kb / 20P
   Electronic Volume and Tone Control for Car Stereo Systems
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LC75412WS SANYO-LC75412WS Datasheet
185Kb / 19P
   Electronic Volume Controller for Car Audio Systems
LC75411ES SANYO-LC75411ES Datasheet
891Kb / 33P
   Electronic Volume Controller for Car Audio Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com