Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC7535M Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC7535M
Description  Electronic Volume/Loudness Control with Serial Data Control and High Voltage-Handling Capacity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7535M Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC7535M Datasheet HTML 1Page - Sanyo Semicon Device LC7535M Datasheet HTML 2Page - Sanyo Semicon Device LC7535M Datasheet HTML 3Page - Sanyo Semicon Device LC7535M Datasheet HTML 4Page - Sanyo Semicon Device LC7535M Datasheet HTML 5Page - Sanyo Semicon Device LC7535M Datasheet HTML 6Page - Sanyo Semicon Device LC7535M Datasheet HTML 7Page - Sanyo Semicon Device LC7535M Datasheet HTML 8Page - Sanyo Semicon Device LC7535M Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Overview
The LC7535M is an electronic volume and loudness
control IC that provides volume, balance, and loudness
functions with a minimal number of external components
and that can be controlled electronically.
Functions
• Volume: Provides 81 positions from 0 dB to –79 dB in
1-dB steps and –
∞. A balance function can be
implemented by controlling the left and right volume
levels independently.
• Loudness: A loudness function can be implemented by
attaching external capacitors at the output tap provided
at the –20-dB position in the 5-dB step volume control.
• S (select) pin: Up to two LC7535M chips can be used on
the same bus.
• Serial
data
input:
The
LC7535M
supports
communication with the controller in the CCB format.
Feature
• High voltage-handling capacity: ±16 V.
Package Dimensions
unit: mm
3216A-MFP30S
CMOS IC
53098RM (OT) No. 5760-1/9
SANYO: MFP30S
[LC7535M]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Electronic Volume/Loudness Control with Serial Data
Control and High Voltage-Handling Capacity
LC7535M
Ordering number : EN5760
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
Parameter
Symbol
Conditions
Ratings
Unit
VDD max
VEE ≤ VSS < VCC < VDD
VSS to VSS + 18
V
Maximum supply voltage
VEE max
VEE ≤ VSS < VCC < VDD
VSS – 18 to VSS
V
VCC max
VEE ≤ VSS < VCC < VDD
VSS to VSS + 7
V
VIN max1
CL, DI, CE
0 to VCC + 0.3
V
Maximum input voltage
VIN max2
L5dBIN, R5dBIN, L1dBIN, R1dBIN
VEE – 0.3 to VDD + 0.3
V
VIN max3
S
VCC – 0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 75°C
250
mW
Operating temperature
Topr
–30 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD
VDD
VCC + 4.5
16
V
Supply voltage
VEE
VEE
–16
0
V
VCC
VCC
4.5
5
5.5
V
Input high-level voltage
VIH1
CL, DI, CE
0.8 VCC
VCC
V
VIH2
S
0.8
× (VDD – VCC) + VCC
VDD
V
Input low-level voltage
VIL1
CL, DI, CE
VSS
0.2 VCC
V
VIL2S
VCC
0.2
× (VDD – VCC) + VCC
V
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
Continued on next page.


Numéro de pièce similaire - LC7535M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7535P SANYO-LC7535P Datasheet
86Kb / 6P
   High-voltage, Two-channel Electronic Attenuator
More results

Description similaire - LC7535M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7536R SANYO-LC7536R Datasheet
111Kb / 6P
   High Breakdown Voltage Serial Control Electronic Volume Control
logo
ACE Technology Co., LTD...
ACE624 ACE-ACE624 Datasheet
169Kb / 8P
   Serial data control dual electronic volume
VER 1.2
logo
Unisonic Technologies
U2429 UTC-U2429_15 Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M62429P RENESAS-M62429P Datasheet
120Kb / 9P
   Serial Data Control Dual Electronic Volume
logo
Mitsubishi Electric Sem...
M62429P MITSUBISHI-M62429P Datasheet
32Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Unisonic Technologies
U2429 UTC-U2429 Datasheet
102Kb / 5P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M61545AFP RENESAS-M61545AFP Datasheet
303Kb / 12P
   Serial Data Control Dual Electronic Volume
logo
Silan Microelectronics ...
SC9260 SILAN-SC9260 Datasheet
216Kb / 12P
   2CH ELECTRONIC VOLUME CONTROLLER CONTROLLED BY SERIAL INTERFACE WITH LOUDNESS CONTROL
logo
Shenzhenshi YONGFUKANG ...
CSC62429 YONGFUKANG-CSC62429 Datasheet
201Kb / 5P
   Serial data controlled dual channel electronic volume control
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
   Electronic volume control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com