Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3236 Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce 2SK3236
Description  Switching Regulator Applications, DC-DC Converter and
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3236 Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  2SK3236 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3236
2009-09-29
4
RDS (ON) − Tc
IDR − VDS
Vth − Tc
PD − Tc
Dynamic input/output characteristics
Case temperature Tc
(°C)
Drain-source voltage VDS (V)
Case temperature Tc
(°C)
Case temperature Tc
(°C)
Total gate charge Qg (nC)
Capacitance – VDS
Drain-source voltage VDS (V)
0
−80
−40
0
40
80
120
160
0.5
1
1.5
2.5
3
2
Common source
VDS = 10 V
ID = 1 mA
Pulse test
1
0.0
−0.4
−1.2
10
100
Common source
Tc
= 25°C
Pulse test
−0.8
−1.6
−2.0
VGS = 0 V
3
5
1
10
Crss
Ciss
Coss
100000
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
0.1
10000
1000
100
1
10
100
0
0
40
120
160
10
30
50
20
80
40
0
−80
−40
0
40
80
120
160
0.02
0.04
0.06
0.08
0.1
VGS = 10 V
VGS = 4 V
10
20
10
35
20
Common source
Pulse test
0
0
40
80
40
80
Common source
ID = 35 A
Tc
= 25°C
Pulse test
60
20
60
20
24
12
VDD = 48 V
VDS
VGS
0
10
20
5
15


Numéro de pièce similaire - 2SK3236

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3236 TOSHIBA-2SK3236 Datasheet
228Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
2SK3236 TOSHIBA-2SK3236 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK3236 ISC-2SK3236 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
More results

Description similaire - 2SK3236

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3398 TOSHIBA-2SK3398 Datasheet
217Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_10 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471_10 Datasheet
149Kb / 3P
   Switching Regulator and DC-DC Converter Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
222Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444_09 Datasheet
200Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3302 TOSHIBA-2SK3302 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_09 Datasheet
189Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3538 TOSHIBA-2SK3538 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_09 Datasheet
188Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com