Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1784 Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce 2SD1784
Description  Micro Motor Drive, Hammer Drive Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1784 Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  2SD1784_10 Datasheet HTML 1Page - Toshiba Semiconductor 2SD1784_10 Datasheet HTML 2Page - Toshiba Semiconductor 2SD1784_10 Datasheet HTML 3Page - Toshiba Semiconductor 2SD1784_10 Datasheet HTML 4Page - Toshiba Semiconductor 2SD1784_10 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SD1784
2010-03-10
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 30 V, IE = 0
10
μA
Emitter cut-off current
IEBO
VEB = 10 V, IC = 0
10
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
30
V
DC current gain
hFE
VCE = 2 V, IC = 150 mA
4000
Collector-emitter saturation voltage
VCE (sat)
IC = 1 A, IB = 1 mA
1.5
V
Base-emitter saturation voltage
VBE (sat)
IC = 1 A, IB = 1 mA
2.2
V
Turn-on time
ton
0.20
Storage time
tstg
0.6
Switching time
Fall time
tf
0.3
μs
Equivalent Circuit
Marking
Note 3: A line beside a Lot No. identifies the indication of product Labels.
Without a line: [[Pb]]/INCLUDES > MCV
With a line: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
X
N
Part No. (or abbreviation code)
Lot No.
Note 3
COLLECTOR
EMITTER
BASE
VCC = 15 V
INPUT
IB1
20 μs
IB (1) = IB (2) = 1 mA
DUTY CYCLE ≤ 1%
IB2
OUTPUT


Numéro de pièce similaire - 2SD1784_10

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SD1784 TOSHIBA-2SD1784 Datasheet
193Kb / 3P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1784 TOSHIBA-2SD1784 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Description similaire - 2SD1784_10

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SD2206 TOSHIBA-2SD2206_09 Datasheet
141Kb / 4P
   Micro Motor Drive, Hammer Drive Applications
2SD1631 TOSHIBA-2SD1631_10 Datasheet
152Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD2088 TOSHIBA-2SD2088_09 Datasheet
151Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD2695 TOSHIBA-2SD2695_09 Datasheet
153Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD1658 TOSHIBA-2SD1658_09 Datasheet
162Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD2206A TOSHIBA-2SD2206A Datasheet
141Kb / 4P
   Micro Motor Drive, Hammer Drive Applications
2SD1509 TOSHIBA-2SD1509_09 Datasheet
162Kb / 5P
   Micro-Motor Drive, Hammer Drive Applications
2SD1140 TOSHIBA-2SD1140_09 Datasheet
148Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD2480 TOSHIBA-2SD2480_06 Datasheet
148Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD1508 TOSHIBA-2SD1508_09 Datasheet
167Kb / 5P
   Pulse Motor Drive, Hammer Drive Applications
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com