Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC4738F Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce 2SC4738F
Description  Audio Frequency General Purpose Amplifier Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4738F Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  2SC4738F_03 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4738F_03 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4738F_03 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC4738F
2003-03-27
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC4738F
Audio Frequency General Purpose Amplifier Applications
· High voltage and high current: VCEO = 50 V, IC = 150 mA (max)
· Excellent hFE linearity: hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.)
· High hFE: hFE = 120~400
· Complementary to 2SA1832F
· Small package
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
150
mA
Base current
IB
30
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 60 V, IE = 0
¾
¾
0.1
mA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
¾
¾
0.1
mA
DC current gain
hFE
(Note)
VCE = 6 V, IB = 2 mA
120
¾
400
Collector-emitter saturation voltage
VCE (sat)
IC = 100 mA, IB = 10 mA
¾
0.1
0.25
V
Transition frequency
fT
VCE = 10 V, IC = 1 mA
80
¾
¾
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
¾
2.0
3.5
pF
Note: hFE classification Y (Y): 120~240, GR (G): 200~400
( ) marking symbol
Marking
Unit: mm
JEDEC
JEITA
TOSHIBA
2-2HA1A
Weight: 2.3 mg (typ.)


Numéro de pièce similaire - 2SC4738F_03

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SC4738F-GR TOSHIBA-2SC4738F-GR Datasheet
211Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC4738FT TOSHIBA-2SC4738FT Datasheet
145Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC4738FT-GR TOSHIBA-2SC4738FT-GR Datasheet
211Kb / 3P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC4738FV TOSHIBA-2SC4738FV Datasheet
211Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC4738FV-Y TOSHIBA-2SC4738FV-Y Datasheet
211Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
More results

Description similaire - 2SC4738F_03

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
   Audio frequency General Purpose Amplifier Applications
2SC2713-BL TOSHIBA-2SC2713-BL Datasheet
278Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
2SC1815-GRF TOSHIBA-2SC1815-GRF Datasheet
279Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN1A01FU-Y TOSHIBA-HN1A01FU-Y Datasheet
235Kb / 4P
   Audio-Frequency General-Purpose Amplifier Applications
HN1C01FU-Y TOSHIBA-HN1C01FU-Y Datasheet
243Kb / 4P
   Audio-Frequency General-Purpose Amplifier Applications
2SA1586-GR TOSHIBA-2SA1586-GR Datasheet
207Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC4738-GR TOSHIBA-2SC4738-GR Datasheet
211Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC2713-GR TOSHIBA-2SC2713-GR Datasheet
278Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
   Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN2A01FU TOSHIBA-HN2A01FU_07 Datasheet
237Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com