Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29030A Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL29030A
Description  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29030A Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL29030A Datasheet HTML 4Page - Intersil Corporation ISL29030A Datasheet HTML 5Page - Intersil Corporation ISL29030A Datasheet HTML 6Page - Intersil Corporation ISL29030A Datasheet HTML 7Page - Intersil Corporation ISL29030A Datasheet HTML 8Page - Intersil Corporation ISL29030A Datasheet HTML 9Page - Intersil Corporation ISL29030A Datasheet HTML 10Page - Intersil Corporation ISL29030A Datasheet HTML 11Page - Intersil Corporation ISL29030A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ISL29030A
8
FN7722.0
November 18, 2010
Principles of Operation
I2C Interface
The ISL29030A’s I2C interface slave address is internally
hardwired as 0b1000100.
Figure 2 shows a sample one-byte read. The I2C bus
master always drives the SCL (clock) line, while either
the master or the slave can drive the SDA (data) line.
Every I2C transaction begins with the master asserting a
start condition (SDA falling while SCL remains high). The
first transmitted byte is initiated by the master and
includes 7 address bits and a R/W bit. The slave is
responsible for pulling SDA low during the ACK bit after
every transmitted byte.
Each I2C transaction ends with the master asserting a
stop condition (SDA rising while SCL remains high).
For more information about the I2C standard, please
consult the PhilipsI2C specification documents.
Photodiodes and ADCs
The ISL29030A contains two photodiode arrays which
convert photons (light) into current. The ALS
photodiodes are constructed to mimic the human eye’s
wavelength response curve to visible light (see Figure 7).
The ALS photodiodes’ current output is digitized by a
12-bit ADC in 100ms. These 12 bits can be accessed by
reading from I2C registers 0x9 and 0xA when the ADC
conversion is completed.
The ALS converter is a charge-balancing integrating
12-bit ADC. Charge-balancing is best for converting small
current signals in the presence of periodic AC noise.
Integrating over 100ms highly rejects both 50Hz and
60Hz light flicker by picking the lowest integer number of
cycles for both 50Hz/60Hz frequencies.
TABLE 11. REGISTER 0x09 (ALSIR_DT1) - ALS/IR SENSOR DATA (LOWER 8 BITS)
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RO
0x00
ALSIR_DATA
(ALS/IR Data)
Lower 8 bits (of 12 bits) from result of ALS/IR sensor conversion
TABLE 12. REGISTER 0x0A (ALSIR_DT2) - ALS/IR SENSOR DATA (UPPER 4 BITS)
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:4
RO
0x00
(Unused)
Unused bits.
3:0
RO
0x00
ALSIR_DATA
(ALS/IR Data)
Upper 4 bits (of 12 bits) from result of ALS/IR sensor conversion
TABLE 13. REGISTER 0x0E (TEST1) - TEST MODE
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RW
0x00
(Write as 0x00)
Test mode register. When 0x00, in normal operation.
TABLE 14. REGISTER 0x0F (TEST2) - TEST MODE 2
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RW
0x00
(Write as 0x00)
Test mode register. When 0x00, in normal operation.
FIGURE 2. I2C DRIVER TIMING DIAGRAM FOR MASTER AND SLAVE CONNECTED TO COMMON BUS
START
W A
A
A6 A5 A4 A3 A2 A1 A0 W A R7 R6 R5 R4 R3 R2 R1 R0 A
A6 A5 A4 A3 A2 A1 A0 W A
A
A
A D7 D6 D5 D4 D3D2 D1D0
13
5
7
13
57
12 3
4 5
6
9
2
4
6
STOP START
SDA DRIVEN BY MASTER
DEVICE ADDRESS
SDA DRIVEN BY ISL29030A
DATA BYTE0
REGISTER ADDRESS
SLAVE
DEVICE ADDRESS
I2C DATA
SDA DRIVEN BY MASTER
SDA DRIVEN BY MASTER
24
68 9
2
468 9
7
8
1
357 8
9
I2C SDA
I2C SDA
I2C CLK
MASTER
(ISL29030A)


Numéro de pièce similaire - ISL29030A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Renesas Technology Corp
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A Datasheet
502Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
November 12, 2012
ISL29030AIROZ-EVALZ INTERSIL-ISL29030AIROZ-EVALZ Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29030AIROZ-EVALZ INTERSIL-ISL29030AIROZ-EVALZ Datasheet
502Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
November 12, 2012
More results

Description similaire - ISL29030A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028A INTERSIL-ISL29028A Datasheet
753Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com