Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC74770M Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC74770M
Description  On-Screen Display Controller LSI
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74770M Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC74770M Datasheet HTML 1Page - Sanyo Semicon Device LC74770M Datasheet HTML 2Page - Sanyo Semicon Device LC74770M Datasheet HTML 3Page - Sanyo Semicon Device LC74770M Datasheet HTML 4Page - Sanyo Semicon Device LC74770M Datasheet HTML 5Page - Sanyo Semicon Device LC74770M Datasheet HTML 6Page - Sanyo Semicon Device LC74770M Datasheet HTML 7Page - Sanyo Semicon Device LC74770M Datasheet HTML 8Page - Sanyo Semicon Device LC74770M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ordering number : EN4248A
31596HA (OT) No. 4248-1/11
Overview
The LC74770M is a CMOS LSI that implements on-
screen display, a function that displays characters and
patterns on display screens such as camcorder viewfinder
screens under microprocessor control. This LSI displays
12-dot by 18-dot characters.
Features
• Display format: 24 characters by 12 rows (up to
288 characters)
• Characters displayed: Up to 288 characters
• Character format: 12 (horizontal)
× 18 (vertical)
• Characters in font: 128
• Character sizes: Normal and double
• Initial display positions: 64 horizontal positions and
64 vertical positions
• Reverse video function: Characters can be displayed in
reverse video specified in units of individual characters.
• Blinking types: In character units in one of two periods,
1.0 second and 0.5 second, with a 50% duty.
• Outputs: Character and blanking data, with two output
systems for each
• External control input: 8-bit serial input format
• General-purpose output port: 4 bits (controlled from the
serial input data)
Pin Assignment
Package Dimensions
unit: mm
3112-MFP24S
SANYO: MFP24S
[LC74770M]
LC74770M
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-0005 JAPAN
On-Screen Display Controller LSI
CMOS LSI
Top view


Numéro de pièce similaire - LC74770M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
193Kb / 17P
   Camcorder On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V_99 Datasheet
193Kb / 17P
   Camcorder On-Screen Display LSI
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
   On-Screen Display Controller IC
More results

Description similaire - LC74770M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
   On-Screen Display Controller LSI
LC74730M SANYO-LC74730M Datasheet
145Kb / 14P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com