Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAR2548FPBZ0-1A Fiches technique(PDF) 2 Page - Lineage Power Corporation

No de pièce CAR2548FPBZ0-1A
Description  2500 Watt 48V Front End Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINEAGEPOWER [Lineage Power Corporation]
Site Internet  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2548FPBZ0-1A Fiches technique(HTML) 2 Page - Lineage Power Corporation

  CAR2548FPBZ0-1A Datasheet HTML 1Page - Lineage Power Corporation CAR2548FPBZ0-1A Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.lineagepower.com/oem
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
2841 Dow Avenue
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
Tustin, CA 92780 USA
Shanghai, 201401 China
Phone: (972) 284-2000
Phone: (714) 544-6665
Phone: 021 6710 8910
CAR2548FP Series
2500 Watt 48V Front End Power Supply
rev 100506
PART NUMBER DEFINITION GUIDE:
CONNECTOR DRAWING:
P1
D1 D2 D3 D4 D5 D6
C1 C2 C3 C4 C5 C6
B1 B2 B3 B4 B5 B6
A1 A2 A3 A4 A5 A6
P2
P3
P4
P5
P6
P7
CAR 25 48 F P x x xx -1A
Series
25=2500W
Output Current
B=Bezel Option
Blank=None
Options
Blank=Non-compliant
YO=5 of 6 Compliant
ZO=6 of 6 Compliant
RoHS
Rev.
48=48V
Output Voltage
F=Front End
Type
P=Positive
Polarity
Blank = PM Bus
C=I2C
A = CAN Bus
Interface
PIN OUT INFORMATION
A1
VSB 3.3V
B4
Module Enable
D1
V Prog
P4
Vout
A2
VSB 3.3V Return
B5
Serial Data Line
D2
OVP Test Point
P5
Vout
A3
Signal RTN
B6
Serial Data Clock
D3
Remote On/Off
P6
Vout Return
A4
Write Protect
C1
I Share
D4
DC OK
P7
Vout Return
A5
Remote Sense (+) C2
Protocol Select
D5
AC OK
A6
Remote Sense (-)
C3
Temp Warning
D6
Interrupt
B1
Fault
C4
I2C Address (A0)
P1
Line
B2
I Monitor
C5
I2C Address (A1)
P2
Neutral
B3
PS Present
C6
I2C Address (A2)
P3
Chassis
All Dimensions in Inches (mm)
Tolerance: .XX = ± .02 in (.50 mm)
.XXX = ± .010 in (.254 mm)
Examples:
CAR2548FPBCZO-1A
2500W/48V Front End, Bezel, I2C, 6 of 6 RoHS
CAR2548FPBAZO-1A
2500W/48V Front End, Bezel, CAN Bus 6 of 6
RoHS compliance
Connector FCI Berg P/N 51939-030
Mating connector FCI Berg P/N 51915-051
OUTLINE DRAWING


Numéro de pièce similaire - CAR2548FPBZ0-1A

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
CAR2548FPZ01A LINEAGEPOWER-CAR2548FPZ01A Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
More results

Description similaire - CAR2548FPBZ0-1A

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
CAR2548DC LINEAGEPOWER-CAR2548DC Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR3000 LINEAGEPOWER-CAR3000 Datasheet
1,009Kb / 2P
   3000 Watt 24 / 48V Front End
CAR4000 LINEAGEPOWER-CAR4000 Datasheet
966Kb / 2P
   4000 Watt 24 / 48V Front End
CAR1612FP LINEAGEPOWER-CAR1612FP Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR2024FP LINEAGEPOWER-CAR2024FP Datasheet
1Mb / 2P
   2000 Watt 24V Front End Power Supply
CAR1248TN LINEAGEPOWER-CAR1248TN Datasheet
935Kb / 2P
   1200 Watt 48V Rectifier Power Supply
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com