Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAR1246TN-1A Fiches technique(PDF) 1 Page - Lineage Power Corporation

No de pièce CAR1246TN-1A
Description  1200 Watt 48V Rectifier Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINEAGEPOWER [Lineage Power Corporation]
Site Internet  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1246TN-1A Fiches technique(HTML) 1 Page - Lineage Power Corporation

  CAR1246TN-1A Datasheet HTML 1Page - Lineage Power Corporation CAR1246TN-1A Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
www.lineagepower.com/oem
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
2841 Dow Avenue
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
Tustin, CA 92780 USA
Shanghai, 201401 China
Phone: (972) 284-2000
Phone: (714) 544-6665
Phone: 021 6710 8910
CAR1248TN Series
1200 Watt 48V Rectifier Power Supply
rev 100506
1200 Watts in 1U
Ultra High Power Density of 19W/in3
Active Current Sharing (Single Wire)
Remote on/off, Remote Sense, Voltage Program &
Current Share Control Circuits
Current, Voltage, AC OK, DC OK & Temperature OK
Microprocessor based design allows for I2C communication
Optional Universal / 5-Bay 19” Rack Delivers 6kW of Total Power
NEBS Shock & Vibration, Seismic Zone 4
KEY MARKETS & APPLICATIONS
Distributed Power Blade Servers
Mid-end servers
Network Equipment
Network Attached Storage
Automatic Test Equipment
Storage Area Networks
SPECIFICATIONS
1200 Watt +48V Front End Power Supply
Input Voltage Range
85-264 VAC, 47-63 Hz
Input Current Maximum
12.75A @ 100VAC, 7.9A @ 180 VAC, full load
Inrush Current
40A max. cold start (per ETS 300 132-1 and bellcore specifications)
Input Protection
Dual Fused (Line & Neutral) 20 Amp / 250 VAC Type 3AB Axial
Power Factor
0.99 typical complies with IEC555, EN60555-2, EN61000-3-2
Efficiency
91% typical at 230 VAC Full Load Operation, 85% Typical @ 90 VAC Full Load Operation
Output Power
1200W at High Line Operation (230 VAC), Derate to 1000 W at Low Line Operation (90 VAC)
Output Voltage Range
-42 ~ - 58 VDC with remote programming (factory set at -54VDC)
Output Current
25A @ -48 VDC for High Line Operation (230 VAC), reduced to 20.8A at Low Line Operation (90VAC)
Voltage Programming
Vout = Vprog x 10 / 3 + 44.3V
Voltage Regulation
±2% of Vnom for any combination of line, load and temperature
Ouput Ripple & Noise
Complies to ETS300 132-2, 32dBnrc. Bandwidth: 25Hz - 20kHz. 2mVrms pk-pk with 0.1µF ceramic and 10µF electrolytic caps
Transient Response
5% max deviation Recovery time 300µs @ 50% load step and di/dt < 1A/µs
Switching Frequency
200kHz (input) / 400kHz (output)
Hold-Up Time
20ms at 1KW (typical) @ 90VAC
Remote On/Off
ON if >3V or open; OFF if <1V (max. sink 1mA) Open collector type
Current Limit Protection
110-130% of Iout Nominal
Short Circuit Protection
Self protected with auto recovery
Over Voltage Protection
-60 VDC max, latched. Reset condition by recycling AC Input or toggling remote on/off
Operating Temperature
-10°C to +70°C. power derating above 55°C at 2.5% per °C
Over Temperature Protection
Non latching; protection active at 110°C internal temperature, restart at 95°C (typical)
EMI
FCC-B & EN55022-B with specified filter or at rack level, GR-1089-CORE
LED Indicators
Green = AC OK & DC OK, Red = Fault
Analog Status & Control
Voltage Programming, Load sharing, Remote ON/OFF, Current Monitor, Over temperature, Fault, PS Present, Module Enable
Digital Status & Control
I2C Option, see detailed specification for details
Shock & Vibration
IEC68-2-27, MIL-STD-810E, Telecordia GR-63-CORE
Dimensions
11.02 x 3.44 x 1.65” / 284.5 x 87.4 x 41.9mm
Weight
2.8 lbs
Safety Approvals
IEC 950 per EN60950, UL60950, CSA 22.2-950, CE Mark (LVD), TUV
Options
I2C Signals, Bezel
FEATURES
BENEFITS
High Power Density 19W/in3
Leaves plenty of room for your applications
System Scalability up to 6000W
Allows flexibility with minimum investment
1U x 2U High Form Factor
Minimize space required for power needs
Load Sharing & Fault Tolerant
Excellent reliability in N+1 operation
I2C Digital Control & Monitoring
Ideal for monitoring, housekeeping and control


Numéro de pièce similaire - CAR1246TN-1A

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1248FP-1A LINEAGEPOWER-CAR1248FP-1A Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1248FPB-1A LINEAGEPOWER-CAR1248FPB-1A Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1248FPBCXZ01A LINEAGEPOWER-CAR1248FPBCXZ01A Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR1248FPBXXZ01A LINEAGEPOWER-CAR1248FPBXXZ01A Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
More results

Description similaire - CAR1246TN-1A

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR3000T LINEAGEPOWER-CAR3000T Datasheet
1Mb / 2P
   3000 Watt 24 / 48V Rectifier Power Supply
CAR4000T LINEAGEPOWER-CAR4000T Datasheet
976Kb / 2P
   4000 Watt 24 / 48V Rectifier Power Supply
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
logo
Artesyn Technologies
DS1200DC ARTESYN-DS1200DC Datasheet
688Kb / 4P
   1200 Watt Distributed Power System
logo
Wall Industries,Inc.
PS1K2U WALL-PS1K2U Datasheet
165Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K2 WALL-PS1K2 Datasheet
181Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
logo
Monolithic Power System...
MEZS84801A MPS-MEZS84801A Datasheet
423Kb / 3P
   48V, 12W, PoE Power Supply, IEEE 802.3af Compliant
logo
Applied Motion Products...
PS320A48 AMP-PS320A48 Datasheet
880Kb / 2P
   PS320A48 Power Supply 320W/48V with PFC Function
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com