Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC74725M Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC74725M
Description  On-Screen Display Controller LSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74725M Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC74725M Datasheet HTML 1Page - Sanyo Semicon Device LC74725M Datasheet HTML 2Page - Sanyo Semicon Device LC74725M Datasheet HTML 3Page - Sanyo Semicon Device LC74725M Datasheet HTML 4Page - Sanyo Semicon Device LC74725M Datasheet HTML 5Page - Sanyo Semicon Device LC74725M Datasheet HTML 6Page - Sanyo Semicon Device LC74725M Datasheet HTML 7Page - Sanyo Semicon Device LC74725M Datasheet HTML 8Page - Sanyo Semicon Device LC74725M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Overview
The LC74725 and LC74725M are built-in EDS on-screen
display controller CMOS LSI products that display
characters and patterns on a TV screen under
microprocessor control. The characters displayed have an
8
× 8 dot format, and a dot interpolation function is
provided. These LSIs can display ten lines of
24 characters each.
Features
• Display format: 24 characters by 10 lines (up to
240 characters)
• Character format: 8 (horizontal)
× 8 (vertical) dots
(interpolation function provided)
• Character sizes: Two horizontal and two vertical sizes
• Characters in font: 64 characters
• Initial display positions: 64 horizontal positions and
64 vertical positions
• Blinking: Specifiable on a per-character basis
• Blinking types: Two periods, 1.0 second and 0.5 second
• Blue background screen display: Available in internal
synchronization mode
• External control input: 8-bit serial input format
• Built-in sync separator circuit
• EDS support
• Video outputs: Composite video signal output in either
NTSC or PAL-M
• Package: 24-pin plastic DIP (300 mil)
24-pin plastic MFP (375 mil)
Package Dimensions
unit: mm
3067-DIP24S
3045B-MFP24
CMOS LSI
41096HA (OT)/O3195HA (OT) No. 5213-1/16
SANYO: DIP24S
[LC7425]
SANYO: MFP24
[LC7425M]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
On-Screen Display Controller LSI
LC74725, 74725M
Ordering number : EN5213A


Numéro de pièce similaire - LC74725M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7472 SANYO-LC7472 Datasheet
263Kb / 14P
   On-screen Video Display Controller for NTSC or PAL-M?
LC74721 SANYO-LC74721 Datasheet
289Kb / 15P
   On-screen Video Display Controllers for NTSC or PAL-M
LC74721M SANYO-LC74721M Datasheet
289Kb / 15P
   On-screen Video Display Controllers for NTSC or PAL-M
LC74723 SANYO-LC74723 Datasheet
144Kb / 12P
   On-Screen Display Controller
LC74723M SANYO-LC74723M Datasheet
144Kb / 12P
   On-Screen Display Controller
More results

Description similaire - LC74725M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74730M SANYO-LC74730M Datasheet
145Kb / 14P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com