Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBTH10 Fiches technique(PDF) 1 Page - Weitron Technology

No de pièce MMBTH10
Description  NPN 1.1 GHz RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBTH10 Fiches technique(HTML) 1 Page - Weitron Technology

  MMBTH10_07 Datasheet HTML 1Page - Weitron Technology MMBTH10_07 Datasheet HTML 2Page - Weitron Technology MMBTH10_07 Datasheet HTML 3Page - Weitron Technology MMBTH10_07 Datasheet HTML 4Page - Weitron Technology MMBTH10_07 Datasheet HTML 5Page - Weitron Technology MMBTH10_07 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MAXIMUM RATINGS
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base Voltage
Unit
V
V
V
Rating
MMBTH10
NPN 1.1 GHz RF Transistor
(Ta=25 C)
Device Marking
MMBTH10=3EM , HT10
SOT-23
1
2
3
COLLECTOR
EMITTER
BASE
Lead(Pb)-Free
P b
Collector Current - Continuous
mA
1. Tj = 25°C unless otherwise specified.
25
30
3
50
TJ
Tstg
Junction Temperature
Storage Temperature
+150
-55~150
°C
°C
FEATURES
Designed for VHF/UHF Amplifier Applications
and High Output VHF oscillators.
High Current Gain Bandwidth product.
Thermal Resistance , Junction Ambient
RθJA
556
°C/W
Ideal for Mixer and RF Amplifier Application with Collector Current in the
100mA~20mA Range in Common emitter or Common base mode of operations.
WEITRON
http://www.weitron.com.tw
1/6
09-Feb-07
Symbol
VCEO
VCBO
VEBO
I C
Value
Total Power Dissipation FR-5 Board (1)
PD
225
mW
TA =25°C
Derate above =25°C
1.8
mW/°C


Numéro de pièce similaire - MMBTH10_07

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
MMBTH10 PANJIT-MMBTH10_06 Datasheet
154Kb / 5P
   VHF/UHF NPN SILICON TRANSISTOR
More results

Description similaire - MMBTH10_07

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BFG10X NXP-BFG10X_95 Datasheet
65Kb / 10P
   NPN 2 GHz RF power transistor
1995 Aug 31
logo
Quanzhou Jinmei Electro...
BFG10X_2015 JMNIC-BFG10X_2015 Datasheet
65Kb / 10P
   NPN 2 GHz RF power transistor
logo
NXP Semiconductors
BFG10 NXP-BFG10 Datasheet
257Kb / 11P
   NPN 2 GHz RF power transistor
Rev. 05-22 November 2007
BFG11 PHILIPS-BFG11 Datasheet
79Kb / 12P
   NPN 2 GHz RF power transistor
1995 Apr 07
BFG10 PHILIPS-BFG10 Datasheet
74Kb / 10P
   NPN 2 GHz RF power transistor
1995 Aug 31
logo
Quanzhou Jinmei Electro...
BFG10X JMNIC-BFG10X_15 Datasheet
65Kb / 10P
   NPN 2 GHz RF power transistor
logo
TriQuint Semiconductor
QPD1025L TRIQUINT-QPD1025L Datasheet
1Mb / 18P
   1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
QPD1025 TRIQUINT-QPD1025 Datasheet
1Mb / 18P
   1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
logo
Vishay Siliconix
TSDF1205 VISHAY-TSDF1205_05 Datasheet
221Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.5, 02-May-05
TSDF1220 VISHAY-TSDF1220_08 Datasheet
342Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.8, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com