Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA1505 Fiches technique(PDF) 2 Page - Weitron Technology

No de pièce KTA1505
Description  PNP General Purpose Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

KTA1505 Fiches technique(HTML) 2 Page - Weitron Technology

  KTA1505 Datasheet HTML 1Page - Weitron Technology KTA1505 Datasheet HTML 2Page - Weitron Technology KTA1505 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
200
-
-
V
KTA1505
Rank
Range
O
GR
70-140
200-400
120-240
Marking
AZO
AZG
AZY
-0.25
WEITRON
http://www.weitron.com.tw
Characteristics
Symbol
Min
Max
Typ
Unit
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICBO
IEBO
-5.0
-
-
-
-
-
-0.1
V
V
V
µA
µA
-30
-35
-0.1
-
-
-
-
-
ELECTRICAL CHARACTERISTICS
Y
SMALL-SIGNAL CHARACTERISTICS
Transition frequence
VCE=-6V, IC = -20mA
Celloctor Output Capacitance
VCE=-6V, IE = 0, f=1MHz
MHz
fT
Cob
-
13
-
pF
-
Collector-Emitter Saturation Voltage
IC = -100mA, IB = -10mA
VCE(sat)
-
-
70
400
-
25
-
DC Current Transfer Ration
VCE = -1V, IC = -100mA
VCE = -6V, IC = -400mA
hFE
ON CHARACTERISTICS
Emitter Cutoff Current
VEB = -5V, IC = 0A
Collector Cutoff Current
VCB = -35V, IE = 0A
Emitter-Base Breakdown Voltage
IE= -100µA, IC=0
Collector-Emitter Breakdown Voltage
IC = -1mA, IB = 0A
Collector-Base Breakdown Voltage
IC = -100µA, IE = 0A
CLASSIFICATION hFE
2/3
27-Apr-07


Numéro de pièce similaire - KTA1505

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1505 KEC-KTA1505 Datasheet
246Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Galaxy Semi-Conductor H...
KTA1505 BILIN-KTA1505 Datasheet
232Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
logo
MAKO SEMICONDUCTOR CO.,...
KTA1505 MAKOSEMI-KTA1505 Datasheet
83Kb / 2P
   Excellent hFE linearity
logo
GUANGDONG HOTTECH INDUS...
KTA1505 HOTTECH-KTA1505 Datasheet
150Kb / 2P
   Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
KTA1505 BILIN-KTA1505 Datasheet
201Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
More results

Description similaire - KTA1505

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com