Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847BW Fiches technique(PDF) 2 Page - Weitron Technology

No de pièce BC847BW
Description  General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC847BW Fiches technique(HTML) 2 Page - Weitron Technology

  BC847BW Datasheet HTML 1Page - Weitron Technology BC847BW Datasheet HTML 2Page - Weitron Technology BC847BW Datasheet HTML 3Page - Weitron Technology BC847BW Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-
-
-
-
-
-
-
-
V
V
V
-
-
-
-
-
-
-
-
-
V
V
V
V
Off Characteristics
65
45
30
80
50
30
80
50
30
6.0
6.0
5.0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
BC846AW/BW
BC847AW/BW/CW
BC848AW/BW/CW
http://www.weitron.com.tw
WEITRON
2/4
Rev.B 12-Dec-06
WEITRON
Electrical Characteristics (TA=25°C Unless Otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
Collector-Emitter Breakdown Voltage
(IC=10mA)
BC846A Series
BC847A Series
BC848A Series
Collector-Emitter Breakdown Voltage
(IC=10μA,VEB=0)
BC846A Series
BC847A Series
BC848A Series
BC846A Series
BC847A Series
BC848A Series
BC846A Series
BC847A Series
BC848A Series
Collector-Base Breakdown Voltage
(IC=10μA)
Emitter-Base Breakdown Voltage
(IE=1.0μA)
Collector Cutoff Current
(VCB=30V)
(VCB=30V, TA=150°C)
V(BR)CEO
V(BR)CES
V(BR)CBO
V(BR)EBO
ICBO
nA
mA
15
5.0
On Characteristics
BC846A, BC847A, BC848A
BC846B, BC847B, BC848B
BC847C, BC848C,
BC846A, BC847A, BC848A
BC846B, BC847B, BC848B
BC847C, BC848C
DC Current Gain
(IC=10uA, VCE=5.0V)
(IC=2.0mA, VCE=5.0V)
Collector-Emitter Saturation Voltage
(IC=10mA, IB=0.5mA)
(IC=100mA, IB=5.0mA)
-
-
-
110
200
420
90
150
270
180
290
520
-
-
-
220
450
800
0.25
0.6
-0.7
-0.9
660
-
580
-
700
770
hFE
VCE(sat)
VBE(sat)
VBE(on)
Small-signal Characteristics
BC846A,B BC847A,B BC848A,B
BC847C, BC848C
Noise Figure
(IC=0.2mA, VCE=5.0V, Rs=2.0kΩ, f=1.0kHz, BW=200Hz)
10
4.0
NF
Output Capacitance
(VCB=10V, f=1.0MHz)
Current-Gain-Bandwidth Product
(IC=10mA, VCE=5.0V, f=100MHz)
Cobo
fT
100
dB
pF
MHz
4.5
Base-Emitter Saturation Voltage
(IC=10mA,IB=0.5mA)
(IC=100mA,IB=5.0mA)
Base-Emitter On Voltage
(IC=2.0mA,VCE=5.0V)
(IC=10mA,VCE=5.0V)


Numéro de pièce similaire - BC847BW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC847BW PHILIPS-BC847BW Datasheet
50Kb / 8P
   NPN general purpose transistors
1999 Apr 23
logo
Nexperia B.V. All right...
BC847BW NEXPERIA-BC847BW Datasheet
233Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
logo
Micro Commercial Compon...
BC847BW MCC-BC847BW Datasheet
794Kb / 5P
   NPN General Purpose Transistors
logo
Taiwan Semiconductor Co...
BC847BW TSC-BC847BW Datasheet
334Kb / 5P
   NPN Transistor
logo
Siemens Semiconductor G...
BC847BW SIEMENS-BC847BW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results

Description similaire - BC847BW

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com