Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC846BW Fiches technique(PDF) 1 Page - Weitron Technology

No de pièce BC846BW
Description  General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC846BW Fiches technique(HTML) 1 Page - Weitron Technology

  BC846BW Datasheet HTML 1Page - Weitron Technology BC846BW Datasheet HTML 2Page - Weitron Technology BC846BW Datasheet HTML 3Page - Weitron Technology BC846BW Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
V
V
V
°C
°C
1
2
3
BC846AW/BW
BC847AW/BW/CW
BC848AW/BW/CW
SOT-323(SC-70)
1
BASE
COLLECTOR
EMITTER
3
2
General Purpose Transistor
NPN Silicon
Lead(Pb)-Free
P b
Maximum Ratings (TA=25°C Unlesso therwise noted)
Collector-Emitter Voltage
BC846
BC847
BC848
Collector-Base Voltage
BC846
BC847
BC848
65
45
30
Value
Max
IC
VCEO
VCBO
VEBO
Collector Current-Continuous
100
mA
Emitter-Base Voltage
BC846
BC847
BC848
80
50
30
6.0
6.0
5.0
Unit
Unit
Symbol
Symbol
Rating
Characteristics
Thermal Characteristics
Device Marking
BC846AW=1A; BC846BW=1B; BC847AW=1E; BC847BW=1F
1. FR-5=1.0 x 0.75 x 0.062 in.
Total Device Dissipation FR-5 Board (Note.1)
TA=25°C
Derate above 25°C
Junctionand Temperature Range
Storage Temperature Range
Thermal Resistance, Junctionto Ambient (Note.1)
Tstg
TJ
-55 to +150
+150
833
150
2.4
°C/W
mW/°C
mW
PD
RθJA
http://www.weitron.com.tw
WEITRON
1/4
Rev.B 12-Dec-06
BC847CW=1G; BC848AW=1J; BC848BW;=1K; BC848CW=1L


Numéro de pièce similaire - BC846BW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC846BW PHILIPS-BC846BW Datasheet
50Kb / 8P
   NPN general purpose transistors
1999 Apr 23
logo
Infineon Technologies A...
BC846BW INFINEON-BC846BW Datasheet
183Kb / 19P
   NPN Silicon AF Transistors
2007-04-20
logo
Diotec Semiconductor
BC846BW DIOTEC-BC846BW Datasheet
130Kb / 2P
   SMD General Purpose NPN Transistors
logo
Siemens Semiconductor G...
BC846BW SIEMENS-BC846BW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
SeCoS Halbleitertechnol...
BC846BW SECOS-BC846BW Datasheet
903Kb / 4P
   NPN Plastic Encapsulate Transistor
More results

Description similaire - BC846BW

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com