Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC74411 Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LC74411
Description  PIP Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74411 Fiches technique(HTML) 7 Page - Sanyo Semicon Device

Back Button LC74411 Datasheet HTML 3Page - Sanyo Semicon Device LC74411 Datasheet HTML 4Page - Sanyo Semicon Device LC74411 Datasheet HTML 5Page - Sanyo Semicon Device LC74411 Datasheet HTML 6Page - Sanyo Semicon Device LC74411 Datasheet HTML 7Page - Sanyo Semicon Device LC74411 Datasheet HTML 8Page - Sanyo Semicon Device LC74411 Datasheet HTML 9Page - Sanyo Semicon Device LC74411 Datasheet HTML 10Page - Sanyo Semicon Device LC74411 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Register Data Overview
No. 5519-7/14
LC74411N, LC74411NE
Address
Register
Notes
SBY
Standby mode (The PLL circuit operates.)
STL
Still image (Writes to internal memory are stopped.)
NT/PAL
Format selection (H: NTSC, L:PAL)
00H
D-BLUE
Memory clear data selection (Valid when D-FIX = 1) (H: blue, L: gray)
D-FIX
Memory clear (Holds the data written to memory at a fixed value.)
FILD
Field display selection
VDF-CO
Vertical filter coefficient selection
POUT
Sub-screen display on/off
01H
VP7 to 0
Sub-screen vertical position
02H
HP7 to 0
Sub-screen horizontal position
SIZE-V
Vertical compression specification H: 1/4, L: 1/3
03H
SiZE-H
Horizontal compression specification H: 1/4, L: 1/3
DAFRM
D/A converter frame on/off
YFC5 to 2
D/A converter frame color (Y)
04H
RFC5 to 2
D/A converter frame color (R-Y)
BFC5 to 2
D/A converter frame color (B-Y)
05H
PLL4 to 0
PLL divisor value (The standard value is 10110.)
PHP-M, S
Field discrimination inversion/noninversion
06H
WPE
Wipe or display area function enable
WP-MOD
Wipe or display area function selection (H: wipe)
WTOP to WRIGHT
Wipe or display area function format specification
07H
VBS5 to 0
Display area range setting (vertical)
08H
HBS5 to 0
Display area range setting (horizontal)
V-BLK, H-BLK
D/A converter frame output range specification (Normally set to 00B)
09H
CL-AJ1, 0
A/D converter clamping potential adjustment (Can be monitored from the CLAMP pin.)
WV-AJ1, 0
Write vertical direction adjustment
WH-AJ1, 0
Write horizontal direction adjustment
YC-AJ2 to 0
C phase (with respect to Y) adjustment
0AH
YCFAJ1, 0
D/A converter frame C phase (with respect to Y) adjustment
FM-AJ1, 0
D/A converter frame left/right width adjustment
0BH
DAC1-7 to 0
External control D/A converter (8-bit PWM) data
0CH
DAC2-7 to 0
External control D/A converter (8-bit PWM) data
0DH
DAC3-7 to 0
External control D/A converter (8-bit PWM) data
0EH
DAC4-7 to 0
External control D/A converter (8-bit PWM) data
0FH
DAC5-7 to 0
External control D/A converter (8-bit PWM) data
10H
DAC6-7 to 0
External control D/A converter (8-bit PWM) data
11H
PORT7 to 0
Data for the general-purpose output ports


Numéro de pièce similaire - LC74411

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7441 SANYO-LC7441 Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
LC7441N SANYO-LC7441N Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
LC7441NE SANYO-LC7441NE Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
More results

Description similaire - LC74411

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7442 SANYO-LC7442 Datasheet
404Kb / 22P
   PIP Controller?
logo
NXP Semiconductors
SAB9077H PHILIPS-SAB9077H Datasheet
192Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 07
SAB9076H PHILIPS-SAB9076H Datasheet
235Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 13
logo
Motorola, Inc
MC44460 MOTOROLA-MC44460 Datasheet
442Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44461 MOTOROLA-MC44461 Datasheet
317Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
logo
NXP Semiconductors
SAB9081 PHILIPS-SAB9081 Datasheet
101Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
SAB9079HS PHILIPS-SAB9079HS Datasheet
183Kb / 48P
   Multistandard Picture-In-Picture PIP controller
2000 Jan 13
SAB9082 PHILIPS-SAB9082 Datasheet
102Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9080 PHILIPS-SAB9080 Datasheet
99Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9083 PHILIPS-SAB9083 Datasheet
104Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com