Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72722 Fiches technique(PDF) 11 Page - Sanyo Semicon Device

No de pièce LC72722
Description  Single-Chip RDS Signal-Processing System LSI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72722 Fiches technique(HTML) 11 Page - Sanyo Semicon Device

Back Button LC72722 Datasheet HTML 7Page - Sanyo Semicon Device LC72722 Datasheet HTML 8Page - Sanyo Semicon Device LC72722 Datasheet HTML 9Page - Sanyo Semicon Device LC72722 Datasheet HTML 10Page - Sanyo Semicon Device LC72722 Datasheet HTML 11Page - Sanyo Semicon Device LC72722 Datasheet HTML 12Page - Sanyo Semicon Device LC72722 Datasheet HTML 13Page - Sanyo Semicon Device LC72722 Datasheet HTML 14Page - Sanyo Semicon Device LC72722 Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
No. 5602-11/15
LC72722, 72722M, 72722PM
Timing 2 (mode 3, PT2 = 0)
A12378
Input data
Error correction
SYNC output
ERROR output
CORREC output
Sync NG Sync OK Sync OK Sync OK Sync OK Sync OK Sync NG Sync NG
Data
corrected
No
errors
No
errors
Data
corrected
Uncorrectable Uncorrectable
Tp1
Tp1
Serial Data Input and Output Methods
Data is input and output using the CCB (computer control bus), which is the Sanyo audio IC serial bus format. This IC
adopts an 8-bit address CCB format.
I/O mode
(LSB)
Address
(MSB)
Comment
B0
B1
B2
B3
A0
A1
A2
A3
1
IN1 (6A)
0
1
0
1
0
1
1
0
· Control data input mode, also referred to as “serial data input” mode.
· This is a 16-bit data input mode.
2
IN2 (6B)
1
1
0
1
0
1
1
0
· Control data input mode, also referred to as “serial data input” mode.
· This is a 16-bit data input mode.
3
OUT (6C)
0
0
1
1
0
1
1
0
· Data output mode, also referred to as “serial data output” mode.
· The data for multiple blocks can be output sequentially in this mode.
CE
CL
DI
DO
B0
B1
B2
B3
A0
A1
A2
A3
First Data IN1/2
First Data OUT
First Data OUT
A12379
1
1
2
1
2
2
I/O mode determined
For the CL normal high state
For the CL normal low state


Numéro de pièce similaire - LC72722

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72722PM SANYO-LC72722PM Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
LC72722PM ONSEMI-LC72722PM Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
LC72722PM ONSEMI-LC72722PM Datasheet
976Kb / 18P
   RDS / RBDS Single-chip Signal Processor
June 2017 - Rev. 2
LC72722PM-MPB-E ONSEMI-LC72722PM-MPB-E Datasheet
976Kb / 18P
   RDS / RBDS Single-chip Signal Processor
June 2017 - Rev. 2
LC72722PM-TLM-E ONSEMI-LC72722PM-TLM-E Datasheet
976Kb / 18P
   RDS / RBDS Single-chip Signal Processor
June 2017 - Rev. 2
More results

Description similaire - LC72722

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com