Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72710LW Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LC72710LW
Description  Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72710LW Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LC72710LW Datasheet HTML 1Page - Sanyo Semicon Device LC72710LW Datasheet HTML 2Page - Sanyo Semicon Device LC72710LW Datasheet HTML 3Page - Sanyo Semicon Device LC72710LW Datasheet HTML 4Page - Sanyo Semicon Device LC72710LW Datasheet HTML 5Page - Sanyo Semicon Device LC72710LW Datasheet HTML 6Page - Sanyo Semicon Device LC72710LW Datasheet HTML 7Page - Sanyo Semicon Device LC72710LW Datasheet HTML 8Page - Sanyo Semicon Device LC72710LW Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
No. 6166-2/33
LC72710W, 72710LW
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD
(–0.3 to +5.5) –0.3 to +7.0
V
Input voltage
VIN(1)
A0/CL, A1/CE, A2/DI, RST, STNBY
–0.3 to +7.0
V
VIN(2)
Pins other than VIN(1)
–0.3 to VDD + 0.3
V
Output voltage
VOUT(1)
DO
–0.3 to +7.0
V
VOUT(2)
Pins other than VOUT(1)
–0.3 to VDD + 0.3
V
Output current
IOUT(1)
INT, RDY, DREQ, and D0 to D15
0 to 4.0
mA
IOUT(2)
Pins other than IOUT(1)
0 to 2.0
mA
Allowable output current (total)
ITTL
Total for all the output pins
20
mA
Allowable power dissipation
Pdmax
Ta
≤ +85°C
200
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = +25°C, VSS = 0 V. Items in parentheses refer to the LC72710LW.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
4.5
5.5
V
High-level input voltage
VIH1
A0/CL, A1/CE, A2/DI, RST, STNBY
0.7 VDD
5.5
V
VIH2
DACK, WR, RD, CS, SP, BUSWD, A3, IOCNT1, IOCNT2
0.7 VDD
VDD
V
Low-level input voltage
VIL1
Pins for which VIH1 applies
VSS
0.3 VDD
V
VIL2
Pins for which VIH2 applies
VSS
0.3 VDD
V
Oscillator frequency
FOSC
This IC operates with a frequency precision of ±250 ppm
7.2
MHz
XIN input sensitivity
VXI
With a sine wave input to XIN, capacitor coupling,
400
1500
mVrms
VDD = +4.5 to +5.5 V
Input amplitude
VMPX
With a 100% modulated composite signal input to
150
400
mVrms
MPXIN, VDD = +4.5 to +5.5 V
Clock low-level period
tCL
A0/CL
0.7
µs
Clock high-level period
tCH
A0/CL
0.7
µs
Data setup time
tSU
A0/CL, A2/DI
0.7
µs
Data hold time
tHD
A0/CL, A2/DI
0.7
µs
CE wait time
tEL
A0/CL, A1/CE
0.7
µs
CE setup time
tES
A0/CL, A1/CE
0.7
µs
CE hold time
tEH
A0/CL, A1/CE
0.7
µs
Data latch change time
tLC
A1/CE
0.7
µs
Data output time
tDDO
DO, A0/CL
277
555
ns
CRC4 change time
tCRC
CRC4, A0/CL
0.7
µs
[LC72710W]
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V


Numéro de pièce similaire - LC72710LW

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72711LW SANYO-LC72711LW Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72711LW SANYO-LC72711LW Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72711W SANYO-LC72711W Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
More results

Description similaire - LC72710LW

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com