Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72707E Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LC72707E
Description  FM Multiplex Receiver IC Supporting All Worldwide Standards
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72707E Fiches technique(HTML) 9 Page - Sanyo Semicon Device

Back Button LC72707E Datasheet HTML 5Page - Sanyo Semicon Device LC72707E Datasheet HTML 6Page - Sanyo Semicon Device LC72707E Datasheet HTML 7Page - Sanyo Semicon Device LC72707E Datasheet HTML 8Page - Sanyo Semicon Device LC72707E Datasheet HTML 9Page - Sanyo Semicon Device LC72707E Datasheet HTML 10Page - Sanyo Semicon Device LC72707E Datasheet HTML 11Page - Sanyo Semicon Device LC72707E Datasheet HTML 12Page - Sanyo Semicon Device LC72707E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Structure of the Output Data
• The output data consists of a total of 288 bits (36 bytes). The first two bytes are status information, and data is output
in a single data block unit.
• CNT1 and CNT2 are output LSB first.
• The corrected data is output starting with the first bit in the data block.
• BIC codes are not output.
Note: The CPU can easily select data by discriminating the status information at first during data readout. Data that is
determined to be unnecessary can be immediately cancelled without reading it out. (The CPU can simply ignore
the data until the next interrupt arrives.)
For example, the CPU can also read out just the first 22 bytes (the data block section) of the corrected data, and
does not have to read out the unrequired 12 bytes (the layer 2 CRC and parity data).
Notes:
• CRC indicates the layer 2 CRC check when the ERR flag is 1.
• The CRC4 result is the data immediately preceding the point when the CCB output address (#FB) was input and CE
was high.
• The HEAD flag is only valid for horizontal correction data output, i.e. when VH is 0.
• The RTIB flag is only valid for method A.
BLNK0 to BLNK7: Indicates either the block number for the output data or the parity block number. The data blocks in
a single frame are numbered 0 to 189, and the parity blocks are numbered 0 to 81.
Parity block data is not output for post-vertical correction output.
No. 5970-9/15
LC72707E
288 bits (36 bytes)
Parity
8 bits
8 bits
Indicates the presence of real-time information blocks
Layer 4 CRC shift register: Not all zeros.
Layer 4 CRC shift register: All zeros (no errors)
Data for the first block is being output
Normal block data
Parity block data
Error correction and CRC check OK
Either an uncorrectable error or the NG CRC check
Indicates data received with frame synchronization not achieved
Indicates data received with frame synchronization achieved
Indicates data received with block synchronization not achieved
Indicates data received with block synchronization achieved
Output with horizontal correction only
Output after vertical correction
Corrected data
176 bits


Numéro de pièce similaire - LC72707E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72700 SANYO-LC72700 Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700G SANYO-LC72700G Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72705 SANYO-LC72705 Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
More results

Description similaire - LC72707E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72706E SANYO-LC72706E Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
logo
Panasonic Semiconductor
AN7261FBQ PANASONIC-AN7261FBQ Datasheet
54Kb / 5P
   FM multiplex reception IC
logo
Sanyo Semicon Device
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
logo
Siemens Semiconductor G...
TBB469 SIEMENS-TBB469 Datasheet
119Kb / 7P
   FM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com