Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72342W Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC72342W
Description  Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72342W Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC72342W Datasheet HTML 1Page - Sanyo Semicon Device LC72342W Datasheet HTML 2Page - Sanyo Semicon Device LC72342W Datasheet HTML 3Page - Sanyo Semicon Device LC72342W Datasheet HTML 4Page - Sanyo Semicon Device LC72342W Datasheet HTML 5Page - Sanyo Semicon Device LC72342W Datasheet HTML 6Page - Sanyo Semicon Device LC72342W Datasheet HTML 7Page - Sanyo Semicon Device LC72342W Datasheet HTML 8Page - Sanyo Semicon Device LC72342W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Overview
The LC72341G/W, LC72342G/W, and LC72343G/W are
single-chip microcontrollers with both a 1/4-duty 1/2-bias
LCD driver circuit and a PLL circuit that can operate at up
to 250 MHz integrated on the same chip. These ICs are
ideal for use in portable audio equipment.
Functions
• High-speed programmable divider
• Program memory (ROM)
— LC72341G/W: 2048 words
× 16 bits (4KB)
— LC72342G/W: 3072 words
× 16 bits (6KB)
— LC72343G/W: 4096 words
× 16 bits (8KB)
• Data memory (RAM)
— LC72341G/W: 128 words
× 4 bits
— LC72342G/W: 192 words
× 4 bits
— LC72343G/W: 256 words
× 4 bits
• Instruction cycle time
— 40 µs (for all single-word instructions.)
• Stack
— 4 levels (LC72341G/W)
— 8 levels (LC72342G/W, and LC72343G/W)
• LCD driver
— 48 to 80 segments (1/4-duty 1/2-bias drive)
• Timer interrupts
— One timer circuit providing intervals of 1, 5, 10, and
50 ms.
• External interrupts
— One external interrupt (INT)
• A/D converter
— Two channels (5-bit successive approximation)
• Input ports
— 7 (Of which two can be switched to function as A/D
converter inputs)
• Output ports
— 6 (Of which one can be switched to function as the
BEEP tone output. Two ports are open-drain ports.)
• I/O
ports
— 16 (Of which 8 can be selected to function as LCD
ports as mask options.)
• PLL circuit
— Two types of dead band control are supported, and an
unlock detection circuit is included.
Reference frequencies of 1, 3, 5, 6.25, 12.5, and
25 kHz can be provided.
• Input frequency range
— FM band: 10 to 130 MHz
130 to 250 MHz
— AM band: 0.5 to 15 MHz
Package Dimensions
unit: mm
3159-QFP64G
unit: mm
3159-SQFP64
CMOS IC
31398RM (OT) No. 5799-1/12
Preliminary
SANYO: QFP64G
[LC72341G, 72342G, 72343G]
SANYO: SQFP64
[LC72341W, 72342W, 72343W]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Low-Voltage Single-Chip Microcontrollers with On-
Chip PLL and LCD Driver Circuits
LC72341G/W, LC72342G/W, LC72343G/W
Ordering number : EN*5799


Numéro de pièce similaire - LC72342W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC72345 SANYO-LC72345 Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC72345W SANYO-LC72345W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
More results

Description similaire - LC72342W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72336 SANYO-LC72336 Datasheet
185Kb / 16P
   Single-Chip Microcontrollers with Built-In LCD Driver and PLL Circuits
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver?
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
   Single-chip PLL and Microcontroller with LCD Driver
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
   Single-Chip PLL and Controller with LCD Driver???
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com