Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72341G Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LC72341G
Description  Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72341G Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LC72341G Datasheet HTML 1Page - Sanyo Semicon Device LC72341G Datasheet HTML 2Page - Sanyo Semicon Device LC72341G Datasheet HTML 3Page - Sanyo Semicon Device LC72341G Datasheet HTML 4Page - Sanyo Semicon Device LC72341G Datasheet HTML 5Page - Sanyo Semicon Device LC72341G Datasheet HTML 6Page - Sanyo Semicon Device LC72341G Datasheet HTML 7Page - Sanyo Semicon Device LC72341G Datasheet HTML 8Page - Sanyo Semicon Device LC72341G Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
• IF counter
— HCTR input pin; 0.4 to 12 MHz
• Voltage detection circuit (VSENSE)
— Detects the VDD voltage and sets a flag
• External reset pin
— Restarts execution from location 0 when the CPU and PLL circuits are operating
• Power on reset circuit
— Starts execution from location 0 at power on.
• Universal counter
— 20 bits
• Beep tones
— 3.1 and 1.5 kHz
• Halt mode: The microcontroller operating clock is stopped
• Backup mode: The crystal oscillator is stopped
• An amplifier for a low-pass filter is built in
• CPU and PLL circuit operating voltage
— 1.8 to 3.6 V
• RAM data retention voltage
— 1.0 V or higher
• Packages
— QIP-64G : 0.8-mm lead pitch
— SQFP-64 : 0.5-mm lead pitch
Pin Assignment
No. 5799-2/12
LC72341G/W, 72342G/W, 72343G/W
* PE0 and PE1 are open-drain outputs.
* The I/O ports can be set to input or output individually.
* The functions of the segment/general-purpose ports can be set in bit units.


Numéro de pièce similaire - LC72341G

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC72345 SANYO-LC72345 Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC72345W SANYO-LC72345W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
More results

Description similaire - LC72341G

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72336 SANYO-LC72336 Datasheet
185Kb / 16P
   Single-Chip Microcontrollers with Built-In LCD Driver and PLL Circuits
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver?
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
   Single-chip PLL and Microcontroller with LCD Driver
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
   Single-Chip PLL and Controller with LCD Driver???
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com