Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72323R Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LC72323R
Description  Single-Chip Microcontroller with PLL and LCD Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72323R Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LC72323R Datasheet HTML 1Page - Sanyo Semicon Device LC72323R Datasheet HTML 2Page - Sanyo Semicon Device LC72323R Datasheet HTML 3Page - Sanyo Semicon Device LC72323R Datasheet HTML 4Page - Sanyo Semicon Device LC72323R Datasheet HTML 5Page - Sanyo Semicon Device LC72323R Datasheet HTML 6Page - Sanyo Semicon Device LC72323R Datasheet HTML 7Page - Sanyo Semicon Device LC72323R Datasheet HTML 8Page - Sanyo Semicon Device LC72323R Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Electrical Characteristics for the Allowable Operating Ranges
No. 5378-5/13
LC72322R, 72323R
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VH
LCTR (period), RES, INT, PE1, PE3
0.1 VDD
V
Rejected pulse width
PREJ
SNS
50
µs
Power-down detection voltage
VDET
2.7
3.0
3.3
V
IIH1
INT, HOLD, RES, ADI, SNS,
3.0
µA
and G port: VI = 5.5 V
IIH2
A, E, and F ports: E and F ports with
3.0
µA
Input high level current
outputs off, A port with no RPD, VI = VDD
IIH3
XIN: VI = VDD = 5.0 V
2.0
5.0
15
µA
IIH4
FMIN, AMIN, HCTR, LCTR:
4.0
10
30
µA
VI = VDD = 5.0 V
IIH5
A port: With an RPD, VI = VDD = 5.0 V
50
µA
IIL1
INT, HOLD, RES, ADI, SNS,
3.0
µA
and the G port: VI = VSS
Input low level current
IIL2
A, E, and F ports: E and F ports with
3.0
µA
outputs off, A port with no RPD, VI = VSS
IIL3
XIN: VIN = VSS
2.0
5.0
15
µA
IIL4
FMIN, AMIN, HCTR, LCTR: VI = VSS
4.0
10
30
µA
Input floating voltage
VIF
A port: With an RPD
0.05 VDD
V
Pull-down resistance
RPD
A port: With an RPD, VDD = 5.0 V
75
100
200
k
IOFFH1
EO1, EO2: VO = VDD
0.01
10
nA
Output high level off leakage current
IOFFH2
B, C, D, E, F, and I ports: VO = VDD
3.0
µA
IOFFH3
H port: VO = VDD
5.0
µA
Output low level off leakage current
IOFFL1
EO1, EO2: VO = VSS
0.01
10
nA
IOFFL2
B, C, D, E, F, and I ports: VO = VSS
3.0
µA
VOH1
B and C ports: IO = 1 mA
VDD – 2.0
VDD – 1.0
VDD – 0.5
V
VOH2
E and F ports: IO = 1 mA
VDD – 1.0
V
VOH3
EO1, EO2: IO = 500 µA
VDD – 1.0
V
Output high level voltage
VOH4
XOUT: IO = 200 µA
VDD – 1.0
V
VOH5
S1 to S28 and the I port: IO = –0.1 mA
VDD – 1.0
V
VOH6
D port: IO = 5 mA
VDD – 1.0
V
VOH7
COM1, COM2: IO = 25 µA
VDD – 0.75
VDD – 0.5
VDD – 0.3
V
VOL1
B and C ports: IO = 50 µA
0.5
1.0
2.0
V
VOL2
E and F ports: IO = 1 mA
1.0
V
VOL3
EO1, EO2: IO = 500 µA
1.0
V
Output low level voltage
VOL4
XOUT: IO = 200 µA
1.0
V
VOL5
S1 to S28 and the I port: IO = 0.1 mA
1.0
V
VOL6
D port: IO = 5 mA
1.0
V
VOL7
COM1, COM2: IO = 25 µA
0.3
0.5
0.75
V
VOL8
H port: IO = 5 mA, VDD1
(150
Ω) 0.75
(400
Ω) 2.0
V
Output middle level voltage
VM1
COM1, COM2: VDD = 5.0 V, IO = 25 µA
2.0
2.5
3.0
V
A/D conversion error
ADI: VDD1
–1/2
+1/2
LSB
IDD1
VDD1, fIN2 = 130 MHz
15
20
mA
IDD2
VDD2, PLL stopped, CT = 2.67 µs
1.5
mA
(HOLD mode, Figure 1)
IDD3
VDD2, PLL stopped, CT = 13.33 µs
1.0
mA
(HOLD mode, Figure 1)
Current drain
IDD4
VDD2, PLL stopped, CT = 40.00 µs
0.7
mA
(HOLD mode, Figure 1)
VDD = 5.5 V, oscillator stopped, Ta = 25°C
5
µA
IDD5
(BACK UP mode, Figure 2)
VDD = 2.5 V, oscillator stopped, Ta = 25°C
1
µA
(BACK UP mode, Figure 2)


Numéro de pièce similaire - LC72323R

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72323-XXXX SANYO-LC72323-XXXX Datasheet
457Kb / 27P
   Provisional Development Specifications
LC72323N SANYO-LC72323N Datasheet
357Kb / 13P
   LC72321N
More results

Description similaire - LC72323R

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver?
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
   Single-chip PLL and Microcontroller with LCD Driver
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7232-8377 SANYO-LC7232-8377 Datasheet
852Kb / 33P
   Single-chip PLL and Microcontroller with LCD Driver?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com