Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72323R Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC72323R
Description  Single-Chip Microcontroller with PLL and LCD Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72323R Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC72323R Datasheet HTML 1Page - Sanyo Semicon Device LC72323R Datasheet HTML 2Page - Sanyo Semicon Device LC72323R Datasheet HTML 3Page - Sanyo Semicon Device LC72323R Datasheet HTML 4Page - Sanyo Semicon Device LC72323R Datasheet HTML 5Page - Sanyo Semicon Device LC72323R Datasheet HTML 6Page - Sanyo Semicon Device LC72323R Datasheet HTML 7Page - Sanyo Semicon Device LC72323R Datasheet HTML 8Page - Sanyo Semicon Device LC72323R Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CMOS LSI
Ordering number : EN5378
93096HA (OT) No. 5378-1/13
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Single-Chip Microcontroller with PLL
and LCD Driver
LC72322R, 72323R
Overview
The LC72322R and LC72323R are single-chip
microcontrollers for use in electronic tuning applications.
These ICs include on chip both LCD drivers and a PLL
circuit that can operate at up to 150 MHz. The LC72322R
and LC72323R feature that these ICs are reversed pin-
assignment versions of LC72322 and LC72323
respectively and have the equal functions and
specifications to theirs respectively.
Functions
• Stack: Eight levels
• Fast programmable divider
• General-purpose counters: HCTR for frequency
measurement and LCTR for frequency or period
measurement
• LCD driver for displays with up to 56 segments
(1/2 duty, 1/2 bias)
• Program memory (ROM): 4095 (8 KB) 16-bit digits:
LC72322R
3071 (6 KB) 16-bit digits:
LC72323R
• Data memory (RAM): 256 4-bit digits
• All instructions are single-word instructions
• Cycle time:
2.67 µs, 13.33 µs, or 40.00 µs (option)
• Unlock FF:
0.55 µs detection, 1.1 µs detection
• Timer FF:
1 ms, 5ms, 25ms, 125ms
• Input ports*: One dedicated key input port and one
high-breakdown voltage port
• Output ports*: Two dedicated key output ports, one
high-breakdown voltage open-drain port
Two CMOS output ports (of which one
can be switched to be used as LCD driver
outputs)
Seven CMOS output ports (mask option
switchable to use as LCD ports)
• I/O ports*:
One switchable between input and output
in four-bit units and one switchable
between input and output in bit units
Note: * Each port consists of four bits.
• Program runaway can be detected and a special address
set (Programmable watchdog timer).
• Voltage detection type reset circuit
• One 6-bit A/D converter
• Two 8-bit D/A converters (PWM): LC72322R only
• One external interrupt
• Hold mode for RAM backup
• Sense FF for hot/cold startup determination
• PLL: 4.5 to 5.5 V
• CPU: 3.5 to 5.5 V
• RAM: 1.3 to 5.5 V
• LC72P321R as OTP used
• Package: QIP80DR
Package Dimensions
unit: mm
3223-QFP80DR
This LSI can easily use CCB that is SANYO’s original bus format.
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
SANYO: QIP80DR
[LC72322R, LC72323R]


Numéro de pièce similaire - LC72323R

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72323-XXXX SANYO-LC72323-XXXX Datasheet
457Kb / 27P
   Provisional Development Specifications
LC72323N SANYO-LC72323N Datasheet
357Kb / 13P
   LC72321N
More results

Description similaire - LC72323R

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver?
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
   Single-chip PLL and Microcontroller with LCD Driver
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7232-8377 SANYO-LC7232-8377 Datasheet
852Kb / 33P
   Single-chip PLL and Microcontroller with LCD Driver?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com