Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM843001-212KATR Fiches technique(PDF) 1 Page - Micrel Semiconductor

No de pièce SM843001-212KATR
Description  ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM843001-212KATR Fiches technique(HTML) 1 Page - Micrel Semiconductor

  SM843001-212KATR Datasheet HTML 1Page - Micrel Semiconductor SM843001-212KATR Datasheet HTML 2Page - Micrel Semiconductor SM843001-212KATR Datasheet HTML 3Page - Micrel Semiconductor SM843001-212KATR Datasheet HTML 4Page - Micrel Semiconductor SM843001-212KATR Datasheet HTML 5Page - Micrel Semiconductor SM843001-212KATR Datasheet HTML 6Page - Micrel Semiconductor SM843001-212KATR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SM843001-212
ClockWorks
TM Fibre Channel, 212.5MHz,
Ultra-Low Jitter LVPECL Clock Frequency
Synthesizer
ClockWorks is a trademark of Micrel, Inc.
RotaryWave is a registered trademark of Multigig, Inc.
FemtoClocks is a registered trademark of IDT, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The SM843001-212 is a Fibre Channel, 212.5MHz
LVPECL clock frequency synthesizer and a member of the
ClockWorks
™ family of devices from Micrel. It provides a
low-noise timing solution for high-speed, high-accuracy
synthesis of clock signals. It includes a patented
RotaryWave
® architecture that provides a stable clock with
very low phase noise.
Power supplies of either 2.5V or 3.3V are supported, with
superior jitter and phase noise performance. The device
synthesizes a 212.5MHz, low-noise, LVPECL output for
Fibre
Channel
applications.
The
crystal
reference
frequency used is 26.5625MHz.
The SM843001-212 is an excellent replacement for IDT
FemtoClocks®, with improved waveform integrity, and
jitter.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Generates a low jitter LVPECL output
• 2.5V or 3.3V operating voltage
• Typical phase jitter ~170fs
(637kHz to 10MHz) @212.5MHz
• Crystal frequency: 26.5625MHz
• 212.5MHz output frequency
• RMS Phase Noise @ 212.5MHz:
– 1kHz:
−119dBc/Hz
– 10kHz:
−127dBc/Hz
– 100kHz:
−135dBc/Hz
– 1MHz:
−138dBc/Hz
– 10MHz:
−160dBc/Hz
– 20MHz:
−165dBc/Hz
• Industrial temperature range
• Green, RoHS-, and PFOS-compliant
• Available in 8-pin TSSOP
Applications
Fibre Channel
Storage Networking (SAN)
___________________________________________________________________________________________________________
Block Diagram
October 2010
M9999-100410-A
hbwhelp@micrel.com or (408) 955-1690


Numéro de pièce similaire - SM843001-212KATR

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-106KA MICREL-SM843001-106KA Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-106KATR MICREL-SM843001-106KATR Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
More results

Description similaire - SM843001-212KATR

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802116 MICREL-SM802116 Datasheet
534Kb / 12P
   ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Maxim Integrated Produc...
MAX3610 MAXIM-MAX3610 Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
logo
Micrel Semiconductor
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com