Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM840002KA Fiches technique(PDF) 4 Page - Micrel Semiconductor

No de pièce SM840002KA
Description  ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM840002KA Fiches technique(HTML) 4 Page - Micrel Semiconductor

  SM840002KA Datasheet HTML 1Page - Micrel Semiconductor SM840002KA Datasheet HTML 2Page - Micrel Semiconductor SM840002KA Datasheet HTML 3Page - Micrel Semiconductor SM840002KA Datasheet HTML 4Page - Micrel Semiconductor SM840002KA Datasheet HTML 5Page - Micrel Semiconductor SM840002KA Datasheet HTML 6Page - Micrel Semiconductor SM840002KA Datasheet HTML 7Page - Micrel Semiconductor SM840002KA Datasheet HTML 8Page - Micrel Semiconductor SM840002KA Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Micrel, Inc.
SM840002
November 2010
4
M9999-110810
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VDD)...................................................+4.6V
Input Voltage (VIN)................................ –0.50V to VDD+0.5V
Output Voltage (VOUT) .......................... –0.50V to VDD+0.5V
Lead Temperature (soldering, 20sec.)....................... 260°C
Storage Temperature (Ts) .........................–65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VDDO).......................... +2.375V to +3.465V
Supply Voltage (VDD, VDDA) ................... +2.375V to +3.465V
Ambient Temperature (TA) .......................... –40°C to +75°C
Junction Thermal Resistance
TSSOP (
θJA)(Still Air).......................................127°C/W
DC Electrical Characteristics
(3)
VDDA = VDD = 2.5V ±5%, VDDO = 2.5V ±5%, TA = –40°C to +75°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VDD
Core Supply Voltage
2.375
2.50
2.625
V
VDDA
Analog Supply Voltage
2.375
2.50
2.625
V
VDDO
Output Supply Voltage
2.375
2.50
2.625
V
IDD
Core Supply Current
0.1
1
mA
IDDA
Analog Supply Current
48
55
mA
IDDO
Output Supply Current
No Load
15
23
mA
VDDA = VDD = 3.3V ±5%, VDDO = 3.3V ±5%, TA = –40°C to +75°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VDD
Core Supply Voltage
3.135
3.30
3.465
V
VDDA
Analog Supply Voltage
3.135
3.30
3.465
V
VDDO
Output Supply Voltage
3.135
3.30
3.465
V
IDD
Core Supply Current
0.1
1
IDDA
Analog Supply Current
49
55
mA
IDDO
Power Supply Current
No Load
25
32
mA
Notes
:
1.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3.
The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.


Numéro de pièce similaire - SM840002KA

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KA MICREL-SM840001KA Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KATR MICREL-SM840001KATR Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
SM840004-11KA MICREL-SM840004-11KA Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
More results

Description similaire - SM840002KA

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Advantech Co., Ltd.
MIC-3666 ADVANTECH-MIC-3666 Datasheet
402Kb / 1P
   Dual 10 Gigabit Ethernet XMC
19-Oct-2017
logo
Router-switch Ltd.
JL676A ROUTER-SWITCH-JL676A Datasheet
103Kb / 4P
   10 Gigabit Ethernet
logo
AAEON Technology
NANO-001N AAEON-NANO-001N Datasheet
311Kb / 2P
   Dual Gigabit Ethernet
NITX-SKL1 AAEON-NITX-SKL1 Datasheet
431Kb / 2P
   Dual Gigabit Ethernet
NANO-001F-5010-01 AAEON-NANO-001F-5010-01 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
NITX-BD1 AAEON-NITX-BD1 Datasheet
343Kb / 2P
   dual gigabit ethernet
logo
Micrel Semiconductor
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
63Kb / 4P
   Dual Gigabit Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com