Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC66358B Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC66358B
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66358B Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC66358B Datasheet HTML 1Page - Sanyo Semicon Device LC66358B Datasheet HTML 2Page - Sanyo Semicon Device LC66358B Datasheet HTML 3Page - Sanyo Semicon Device LC66358B Datasheet HTML 4Page - Sanyo Semicon Device LC66358B Datasheet HTML 5Page - Sanyo Semicon Device LC66358B Datasheet HTML 6Page - Sanyo Semicon Device LC66358B Datasheet HTML 7Page - Sanyo Semicon Device LC66358B Datasheet HTML 8Page - Sanyo Semicon Device LC66358B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
22897HA (OT) No. 5483-1/25
Overview
The LC662304A, LC662306A, LC662308A, LC662312A,
and LC662316A are 4-bit CMOS microcontrollers that
integrate on a single chip all the functions required in a
special-purpose telephone controller, including ROM,
RAM, I/O ports, a serial interface, a DTMF generator,
timers, and interrupt functions. These microcontrollers are
available in a 42-pin package.
Features and Functions
• On-chip ROM capacities of 4, 6, 8, 12, and 16 kilobytes,
and an on-chip RAM capacity of 512
× 4 bits.
• Fully supports the LC66000 Series common instruction
set (128 instructions).
• I/O ports: 36 pins
• DTMF generator
This microcontroller incorporates a circuit that can
generate two sine wave outputs, DTMF output, or a
melody output for software applications.
• 8-bit serial interface: one circuit
• Instruction cycle time: 0.95 to 10 µs (at 3.0 to 5.5 V)
• Powerful timer functions and prescalers
— Time limit timer, event counter, pulse width
measurement, and square wave output using a 12-bit
timer.
— Time limit timer, event counter, PWM output, and
square wave output using an 8-bit timer.
— Time base function using a 12-bit prescaler.
• Powerful interrupt system with 10 interrupt factors and 7
interrupt vector locations.
— External interrupts: 3 factors/3 vector locations
— Internal interrupts: 4 factors/4 vector locations
(Waveform output internal interrupts: 3 factors and 1
vector; shared with external expansion interrupts)
• Flexible I/O functions
Selectable options include 20-mA drive outputs, inverter
circuits, pull-up and open drain circuits.
• Optional runaway detection function (watchdog timer)
• 8-bit I/O functions
• Power saving functions using halt and hold modes.
• Packages: DIP42S, QIP48E (QFP48E)
• Evaluation LSIs: LC66599 (evaluation chip) +
EVA800/850-TB662YXX2
LC66E2316(on-chip EPROM microcontroller)
Package Dimensions
unit: mm
3025B-DIP42S
Preliminary
LC662304A, 662306A, 662308A, 662312A, 662316A
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Four-Bit Single-Chip Microcontrollers
with 4, 6, 8, 12, and 16 KB of On-Chip ROM
CMOS LSI
SANYO: DIP42S
1
37.9
0.95
0.48
1.78
1.15
22
21
42
[LC662304A/662306A/662308A/662312A/662316A]
unit: mm
3156-QFP48E
(STAND OFF)
17.2
1.5
1.5
1.6
0.35
15.6
0.8
1.0
2.70
0.1
0.15
112
24
25
13
48
36
14.0
37
SANYO: QFP48E
[LC662304A/662306A/662308A/662312A/662316A]
No. 5483


Numéro de pièce similaire - LC66358B

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC66358B SANYO-LC66358B Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66358B SANYO-LC66358B Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66358B SANYO-LC66358B Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66358B SANYO-LC66358B Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66358B SANYO-LC66358B Datasheet
617Kb / 24P
   4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS
More results

Description similaire - LC66358B

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com