Moteur de recherche de fiches techniques de composants électroniques |
|
LC662516A Fiches technique(PDF) 4 Page - Sanyo Semicon Device |
|
LC662516A Fiches technique(HTML) 4 Page - Sanyo Semicon Device |
4 / 13 page No. 5996-4/13 LC662104A, 662106A, 662108A System Block Diagram Differences between the LC663XX Series and the LC6621XX Series Item LC6630X Series LC6635XB Series LC6621XX Series (Including the LC66599 evaluation chip) System differences 65536 cycles 16384 cycles 16384 cycles • Hardware wait time (number of About 64 ms at 4 MHz (Tcyc = 1 µs) About 16 ms at 4 MHz (Tcyc = 1 µs) About 16 ms at 4 MHz (Tcyc = 1 µs) cycles) when hold mode is cleared • Value of timer 0 after a reset (Including the value after hold mode Set to FF0. Set to FFC. Set to FFC. is cleared) • DTMF generator None (Tools are handled with None Yes external devices.) • Inverter array None (Tools are handled with None None external devices.) • SIO1 Yes Yes None • Three-value inputs/comparator Yes Yes None inputs • Three-state output from P31 None None Yes and P32 • Using P0 to clear halt mode In 4-bit groups In 4-bit groups Can be specified for each bit. None for INT3, INT4, and INT5. INT3, INT4, and INT5 can be used • External extended interrupts (Tools are handled with external None for INT3, INT4, and INT5. with the internal functions. devices.) Shared with INT2 • Other P53 functions (Tools are handled with external Shared with INT2 Shared with INT2 devices.) Differences in main characteristics • LC66304A/306A/308A • 3.0 to 5.5 V/0.92 to 10 µs • Operating power-supply voltage 4.0 to 6.0 V/0.92 to 10 µs • LC6635XA 3.0 to 5.5 V/0.95 to 10 µs and operating speed (cycle time) • LC66E308/P308 2.2 to 5.5 V/3.92 to 10 µs 4.5 to 5.5 V/0.92 to 10 µs 3.0 to 5.5 V/1.96 to 10 µs • Pull-up resistors P0, P1, P4, and P5: about 3 to 10 k Ω P0, P1, P4, and P5: about 3 to 10 k Ω P0, P1, P4, and P5: about 100 kΩ • P2 to P6 and PC: 15V handling • P2 to P6 and PC: 15V handling P2 to P4, P51, and P53: 15V voltage • Port voltage handling • P0, P1, PD, PE: Normal voltage • P0, P1, PD, PE: Normal voltage handling Others: normal voltage handling handling handling |
Numéro de pièce similaire - LC662516A |
|
Description similaire - LC662516A |