Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC66356C Fiches technique(PDF) 8 Page - Sanyo Semicon Device

No de pièce LC66356C
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66356C Fiches technique(HTML) 8 Page - Sanyo Semicon Device

Back Button LC66356C Datasheet HTML 4Page - Sanyo Semicon Device LC66356C Datasheet HTML 5Page - Sanyo Semicon Device LC66356C Datasheet HTML 6Page - Sanyo Semicon Device LC66356C Datasheet HTML 7Page - Sanyo Semicon Device LC66356C Datasheet HTML 8Page - Sanyo Semicon Device LC66356C Datasheet HTML 9Page - Sanyo Semicon Device LC66356C Datasheet HTML 10Page - Sanyo Semicon Device LC66356C Datasheet HTML 11Page - Sanyo Semicon Device LC66356C Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Note: 1. Applies to pins with open-drain output specifications. For pins with other than open-drain output specifications, the ratings in the pin column for that
pin apply.
2. For the oscillator input and output pins, levels up to the free-running oscillation level are allowed.
3. Sink current
4. Source current (Applies to pins with pull-up output and CMOS output specifications.)
5. We recommend the use of reflow soldering techniques to solder mount QFP packages.
Please consult with your Sanyo representative for details on process conditions if the package itself is to be directly immersed in a dip-soldering
bath (dip-soldering techniques).
No. 5484-8/21
LC66354C, 66356C, 66358C
Parameter
Symbol
Conditions
Ratings
Unit
Note
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
V
IN1
P2, P3 (except for the P33/HOLD pin), P4, P5,
–0.3 to +15.0
V
1
Input voltage
and P6
VIN2
All other inputs
–0.3 to VDD + 0.3
V
2
V
OUT1
P2, P3 (except for the P33/HOLD pin), P4, P5,
–0.3 to +15.0
V
1
Output voltage
and P6
VOUT2
All other inputs
–0.3 to VDD + 0.3
V
2
I
ON
P0, P1, P2, P3 (except for the P33/HOLD pin),
20
mA
3
P4, P5, P6, and PC
Output current per pin
–IOP1
P0, P1, P4, P5
2
mA
4
–IOP2
P2, P3 (except for the P33/HOLD pin), P6, and PC
4
mA
4
Σ I
ON1
P0, P1, P2, P3 (except for the P33/HOLD pin),
75
mA
3
P40, and P41
Total pin current
Σ ION2
P5, P6, P42, P43, PC
75
mA
3
Σ I
OP1
P0, P1, P2, P3 (except for the P33/HOLD pin),
25
mA
4
P40, and P41
Σ IOP2
P5, P6, P42, P43, PC
25
mA
4
Allowable power dissipation
Pd max
Ta = –30 to +70°C
DIP42S
600
mW
QFP48E
430
mW
5
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–55 to +125
°C


Numéro de pièce similaire - LC66356C

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC66356C SANYO-LC66356C Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66356C SANYO-LC66356C Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66356C SANYO-LC66356C Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66356C SANYO-LC66356C Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66356C SANYO-LC66356C Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

Description similaire - LC66356C

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com