Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC66354C Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LC66354C
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66354C Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LC66354C Datasheet HTML 1Page - Sanyo Semicon Device LC66354C Datasheet HTML 2Page - Sanyo Semicon Device LC66354C Datasheet HTML 3Page - Sanyo Semicon Device LC66354C Datasheet HTML 4Page - Sanyo Semicon Device LC66354C Datasheet HTML 5Page - Sanyo Semicon Device LC66354C Datasheet HTML 6Page - Sanyo Semicon Device LC66354C Datasheet HTML 7Page - Sanyo Semicon Device LC66354C Datasheet HTML 8Page - Sanyo Semicon Device LC66354C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
System Block Diagram
Differences between the LC66354C, LC66356C, and LC66358C and the LC6630X Series
Note: 1. An RC oscillator cannot be used with the LC66354C, LC66356C, and LC66358C.
2. There are other differences, including differences in output currents and port input voltages.
For details, see the data sheets for the LC66308A, LC66E308, and LC66P308.
3. Pay close attention to the differences listed here when using the LC66E308 and LC66P308 for evaluation.
No. 5484-4/21
LC66354C, 66356C, 66358C
Item
LC6630X Series
LC6635XC Series
(Including the LC66599 evaluation chip)
System differences
65536 cycles
16384 cycles
Hardware wait time (number of cycles)
About 64 ms at 4 MHz (Tcyc = 1 µs)
About 16 ms at 4 MHz (Tcyc = 1 µs)
when hold mode is cleared
Value of timer 0 after a reset
(Including the value after hold mode is
Set to FF0.
Set to FFC.
cleared)
2.5 to 5.5 V/0.92 to 10 µs
Difference in major features
• LC66304A/306A/308A
• LC6635XA
Operating power-supply voltage and
4.0 to 6.0 V/0.92 to 10 µs
2.2 to 5.5 V/3.92 to 10 µs
operating speed (cycle time)
• LC66E308/P308
3.0 to 5.5 V/1.96 to 10 µs
4.5 to 5.5 V/0.92 to 10 µs
• LC6635XB
3.0 to 5.5 V/0.92 to 10 µs
SYSTEM
CONTROL
RAM STACK
(512W)
SP
E
A
ROM
(4K/6K/8K)
PC
POUT0
SI0
SO0
SCK0
INT0
INT1. INT2
PIN1. POUT1
FLAG
INTERRUPT
CONTROL
MPX
MPX
TIMER1
MPX
TIMER0
SERIAL I/O 0
PE
PD
PC
E
M
R
D
P
L
D
P
H
D
P
X
D
P
Y
P0
P1
P2
P3
P4
P5
P6
CZ
ALU
RES
TRA
CMP0
CMP1
CMP2
CMP3
TRB
TEST
OSC1
OSC2
HOLD
SI1
SO1
SCK1
SERIAL I/O 1
PRESCALER


Numéro de pièce similaire - LC66354C

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC66354C SANYO-LC66354C Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

Description similaire - LC66354C

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com