Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC651102F Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LC651102F
Description  On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651102F Fiches technique(HTML) 6 Page - Sanyo Semicon Device

Back Button LC651102F Datasheet HTML 2Page - Sanyo Semicon Device LC651102F Datasheet HTML 3Page - Sanyo Semicon Device LC651102F Datasheet HTML 4Page - Sanyo Semicon Device LC651102F Datasheet HTML 5Page - Sanyo Semicon Device LC651102F Datasheet HTML 6Page - Sanyo Semicon Device LC651102F Datasheet HTML 7Page - Sanyo Semicon Device LC651102F Datasheet HTML 8Page - Sanyo Semicon Device LC651102F Datasheet HTML 9Page - Sanyo Semicon Device LC651102F Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Port C and D reset output level options
Either of the following two options may be selected for the C and D I/O ports. Note that these options are specified in 4-
bit units.
Port output configuration option
All shared-function I/O ports have an open-drain output circuit in the LC65E1104.
Watchdog reset option
This option specifies the use of the PE1/WDR pin. This pin can be specified to function either as the normal port PE1 or
as the WDR watchdog reset pin.
Usage Notes
1. Option specification
The SU60K.EXE program is used for option specification. The option code for the option specification area
(addresses 1000 to 100A (hexadecimal)) is created by assembling the output of the SU60K.EXE program using the
Sanyo M60K.EXE macro assembler and then linking the macro assembler output with the Sanyo L60K.EXE linker.
It is also possible to load data directly into the option specification area. Specify options according to the option code
creation table on page 8.
2. PROM programming
LC65E1104 can be programmed with a general-purpose EPROM programmer using either the W65EP1104D or
W65EP1104M adapter.
• Recommended EPROM programmers
• The Intel 27512 (VPP: 12.5 V) high-speed programming method must be used to program this device. The address
range must be set to 0 to 100A (hexadecimal) and the DASEC jumper must be set to the off position.
3. Using the data security function
The data security function prevents data already written to the microcontroller's PROM from being overwritten.
LC651104 data security function procedure
• Move the DASEC jumper on the EPROM programming pin adapter to the on position. This enables the data
security function.
• Attempt to reprogram the EPROM.
Since the data security function is enabled, the EPROM programmer will display an error. Note that this error is not
due to an error in either the programmer or the LSI.
No. 5221-6/19
LC65E1104
Option name
Conditions
1. Output at reset: high
All 4 bits of the selected port(s) (C or D or both)
1. Output at reset: low
All 4 bits of the selected port(s) (C or D or both)
Option
Circuit
Conditions and notes
1. Open drain output
Ports A, C, D, E and F
Manufacturer
EPROM programmer
Advantest
R4945, R4944, R4943 or equivalent programmer
Ando
AF-9704
AVAL
Minato electronics


Numéro de pièce similaire - LC651102F

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC651102F SANYO-LC651102F Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC651102F SANYO-LC651102F Datasheet
261Kb / 14P
   One-Time Programmable 4-Bit Single-Chip Microcontroller
More results

Description similaire - LC651102F

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com