Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC651102F Fiches technique(PDF) 8 Page - Sanyo Semicon Device

No de pièce LC651102F
Description  On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651102F Fiches technique(HTML) 8 Page - Sanyo Semicon Device

Back Button LC651102F Datasheet HTML 4Page - Sanyo Semicon Device LC651102F Datasheet HTML 5Page - Sanyo Semicon Device LC651102F Datasheet HTML 6Page - Sanyo Semicon Device LC651102F Datasheet HTML 7Page - Sanyo Semicon Device LC651102F Datasheet HTML 8Page - Sanyo Semicon Device LC651102F Datasheet HTML 9Page - Sanyo Semicon Device LC651102F Datasheet HTML 10Page - Sanyo Semicon Device LC651102F Datasheet HTML 11Page - Sanyo Semicon Device LC651102F Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Option specification area
No. 5221-8/19
LC65E1104
ROM area
Bit
Option specified
Option/data relationship
7
Unused
0 (fixed)
6
Watchdog reset
0: Disabled, 1: Enabled
5
PD
Output level at reset
0: Low level, 1: High level
1000H
4
PC
3
OSC predivider (XX = bits 3, bit 2)
00: 1/1, 01: 1/3, 10: 1/4,. 11: unused
2
1
OSC resonator (XX = bits 1, bit 0)
00: unused, 01: unused, 10: (2RC, EXT), 11: Ceramic
0
7
PC3
6
PC2
Output configuration
0: OD, 1: PU*
5
PC1
1001H
4
PC0
3
PA3
2
PA2
Output configuration
0: OD, 1: PU*
1
PA1
0
PA0
7
Unused
0 (fixed)
6
5
PE1
Output configuration
0: OD, 1: PU*
1002H
4
PE0
3
PD3
2
PD2
Output configuration
0: OD, 1: PU*
1
PD1
0
PD0
7
PG3
6
PG2
Output configuration
0: OD, 1: PU*
5
PG1
1003H
4
PG0
3
PF3
2
PF2
Output configuration
0: OD, 1: PU*
1
PF1
0
PF0
7
6
1004H
5
to
4
Unused
0 (fixed)
100AH
3
2
1
0
Note: Since all LC65E1104 ports are open-drain output circuits, the pull-up resistor options are ignored. However, the port options must be selected when
using the LC651104/1102 mask ROM products.
PU: Built-in pull-up resistor output circuit, OD: Open-drain output circuit


Numéro de pièce similaire - LC651102F

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC651102F SANYO-LC651102F Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC651102F SANYO-LC651102F Datasheet
261Kb / 14P
   One-Time Programmable 4-Bit Single-Chip Microcontroller
More results

Description similaire - LC651102F

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com