Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC65P29 Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LC65P29
Description  One-Time Programmable 4-Bit Single-Chip Microcontroller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC65P29 Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LC65P29 Datasheet HTML 6Page - Sanyo Semicon Device LC65P29 Datasheet HTML 7Page - Sanyo Semicon Device LC65P29 Datasheet HTML 8Page - Sanyo Semicon Device LC65P29 Datasheet HTML 9Page - Sanyo Semicon Device LC65P29 Datasheet HTML 10Page - Sanyo Semicon Device LC65P29 Datasheet HTML 11Page - Sanyo Semicon Device LC65P29 Datasheet HTML 12Page - Sanyo Semicon Device LC65P29 Datasheet HTML 13Page - Sanyo Semicon Device LC65P29 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
No. 5894-10/14
LC65P29
Parameter
Symbol
Applicable
Conditions
Ratings
Unit
pins/notes
min
typ
max
Maximum supply voltage
VDD max VDD
–0.3
+7.0
V
Output voltage
VO
OSC2
Values up to the generated voltage
are allowed.
V
VI1
OSC1*1
–0.3
VDD + 0.3
V
Input voltage
VI2
TEST, RES
–0.3
VDD + 0.3
V
VI3
Ports with
–0.3
VDD + 0.3
V
PE specifications
I/O voltage
VIO
PA, PC, PD
–0.3
+15
mA
Peak output current
IOP
PA, PC, PD
–2
+20
mA
IOA
PA, PC, PD
The 100 ms average per pin
–2
+20
mA
Average output current
Σ IOA1
PA
The total current for pins PA0 to PA3*2
–6
+40
mA
Σ IOA2
PC, PD
The total current for pins PC0 to PC3 and
–14
+90
mA
PD0 to PD3*3
Allowable power dissipation
Pdmax1
Ta = –30 to +70°C(DIP24S)
360
mW
Pdmax2
Ta = –30 to +70°C(MFP30S)
150
mW
Operating temperature
Topr
–30
+70
°C
Storage temperature
Tstg
–55
+125
°C
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Applicable
Conditions
Ratings
Unit
pins/notes
VDD [V]
min
typ
max
Operating supply voltage
VDD
VDD
3.0
6.0
V
Standby supply voltage
VST
VDD
RAM and register retention *
1.8
6.0
V
VIH1
PA, PC, PD
Output n-channel transistor off
0.7 VDD
13.5
V
VIH2
PE
When the port E input option
0.7 VDD
VDD
V
High-level input voltage
is selected
VIH3
RES
1.8 to6.0
0.8 VDD
VDD
V
VIH4
OSC1
When the RC oscillator and
0.8 VDD
VDD
V
external clock option is selected
VIL1
PA, PC, PD
Output n-channel transistor off
VSS
0.3 VDD
V
VIL2
PE
When the port E input option
VSS
0.3 VDD
V
is selected
Low-level input voltage
VIL3
OSC1
When the RC oscillator and
VSS
0.25 VDD
V
external clock option is selected
VIL4
TEST
VSS
0.3 VDD
V
VIL5
RES
VSS
0.25 VDD
V
Operating frequency (cycle time)
fop(tCYC)
200 (20)
4330 (0.92)
kHz (µs)
Frequency
fext(text)
OSC1
See Figure 1
200 (20)
4330 (0.92)
kHz (µs)
Pulse width
textH, textL OSC1
See Figure 1
69
ns
Rise and fall times
textR, textF OSC1
See Figure 1
50
ns
Cext
OSC1, OSC2
See Figure 2
4 to 6
220 ±5%
pF
Two-pin RC oscillator
Cext
OSC1, OSC2
See Figure 2
220 ±5%
pF
Rext
OSC1, OSC2
See Figure 2
4 to 6
6.8 ±1%
k
Rext
OSC1, OSC2
See Figure 2
15.0 ±1%
k
Ceramic oscillator
See Figure 2
See Table 1
Allowable Operating Conditions at Ta = –30 to +70°C, VSS = 0 V, VDD = 3.0 to 6.0 V
Notes: 1. Values up to the generated oscillator amplitude are allowed when driven internally using the guaranteed circuit constant values with the oscillator
circuit shown in figure 2.
2. The average over a 100 ms period.
Note *: Applications must maintain the operating supply voltage (VDD) until the IC has entered the standby state when a HALT instruction is executed.
Also, applications must assure that chattering (key bounce) noise is not input to the PA3 pin during a HALT instruction execution cycle.


Numéro de pièce similaire - LC65P29

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC65P1104 SANYO-LC65P1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
More results

Description similaire - LC65P29

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
logo
National Semiconductor ...
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
logo
Sanyo Semicon Device
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com