Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4041 Fiches technique(PDF) 1 Page - Micrel Semiconductor

No de pièce LM4041
Description  Precision Micropower Shunt Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4041 Fiches technique(HTML) 1 Page - Micrel Semiconductor

  LM4041 Datasheet HTML 1Page - Micrel Semiconductor LM4041 Datasheet HTML 2Page - Micrel Semiconductor LM4041 Datasheet HTML 3Page - Micrel Semiconductor LM4041 Datasheet HTML 4Page - Micrel Semiconductor LM4041 Datasheet HTML 5Page - Micrel Semiconductor LM4041 Datasheet HTML 6Page - Micrel Semiconductor LM4041 Datasheet HTML 7Page - Micrel Semiconductor LM4041 Datasheet HTML 8Page - Micrel Semiconductor LM4041 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
March 2005
1
M9999-031805
LM4040/4041
Micrel, Inc.
LM4040/4041
Precision Micropower Shunt Voltage Reference
General Description
Ideal for space critical applications, the LM4040 and LM4041
precision voltage references are available in the subminiature
(3mm × 1.3mm) SOT-23 surface-mount package.
The LM4040 is the available in fixed reverse breakdown
voltages of 2.500V, 4.096V and 5.000V. The LM4041 is avail-
able with a fixed 1.225V or an adjustable reverse breakdown
voltage.
The minimum operating current ranges from 60µA for the
LM4041-1.2 to 74µA for the LM4040-5.0. LM4040 versions
have a maximum operating current of 15mA. LM4041 ver-
sions have a maximum operating current of 12mA.
The LM4040 and LM4041 have bandgap reference tempera-
ture drift curvature correction and low dynamic impedance,
ensuring stable reverse breakdown voltage accuracy over a
wide range of operating temperatures and currents.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Small SOT-23 package
• No output capacitor required
• Tolerates capacitive loads
• Fixed reverse breakdown voltages of 1.225, 2.500V,
4.096V and 5.000V
• Adjustable reverse breakdown version
• Contact Micrel for parts with extended temperature
range.
Key Specifications
• Output voltage tolerance .............................±0.1% (max)
• Low output noise (10Hz to 100Hz)
LM4040................................................. 35µVRMS (typ)
LM4041................................................. 20µVRMS (typ)
• Wide operating current range
LM4040..................................................60µA to 15mA
LM4041..................................................60µA to 12mA
• Industrial temperature range .................. –40°C to +85°C
• Low temperature coefficient ................ 100ppm/°C (max)
Applications
• Battery-powered equipment
• Data acquisition systems
• Instrumentation
• Process control
• Energy management
• Product testing
• Automotive electronics
• Precision audio components
Typical Applications
Figure 2. LM4041 Adjustable
Shunt Regulator Application
Figure 1. LM4040, LM4041 Fixed
Shunt Regulator Application
VO = 1.233 (R2/R1 + 1)
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
VS
RS
VR
IQ + IL
IQ
IL
LM4040
LM4041
VO
VS
LM4041
Adjustable
R1
R2
RS
VO


Numéro de pièce similaire - LM4041

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4041 NSC-LM4041 Datasheet
277Kb / 19P
   Precision Micropower Shunt Voltage Reference
logo
STMicroelectronics
LM4041 STMICROELECTRONICS-LM4041 Datasheet
646Kb / 16P
   Precision micropower shunt voltage reference
February 2014 Rev 4
logo
Texas Instruments
LM4041 TI-LM4041 Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Unisonic Technologies
LM4041 UTC-LM4041 Datasheet
148Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4041 TI-LM4041 Datasheet
501Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Description similaire - LM4041

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com