Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF7241 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADF7241
Description  Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF7241 Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADF7241 Datasheet HTML 2Page - Analog Devices ADF7241 Datasheet HTML 3Page - Analog Devices ADF7241 Datasheet HTML 4Page - Analog Devices ADF7241 Datasheet HTML 5Page - Analog Devices ADF7241 Datasheet HTML 6Page - Analog Devices ADF7241 Datasheet HTML 7Page - Analog Devices ADF7241 Datasheet HTML 8Page - Analog Devices ADF7241 Datasheet HTML 9Page - Analog Devices ADF7241 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
ADF7241
Rev. 0 | Page 6 of 72
TRANSMITTER SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions
TRANSMITTER SPECIFICATIONS
Maximum Transmit Power
3
dBm
Minimum Transmit Power
−25
dBm
Maximum Transmit Power (High Power
Mode)
4.8
dBm
Refer to Power Amplifier section for details on how
to enable this mode
Minimum Transmit Power (High Power
Mode)
−22
dBm
Transmit Power Variation
2
dB
Transmit power = 3 dBm, fCHANNEL = 2400 MHz to
2483.5 MHz, TA = −40°C to +85°C, VDD_BAT = 1.8 V
to 3.6 V
Transmit Power Control Resolution
2
dB
Transmit power = 3 dBm
Optimum PA Matching Impedance
43.7 + 35.2j
Ω
For maximum transmit power = 3 dBm
Harmonics and Spurious Emissions
Compliance with ETSI EN 300 440
25 MHz to 30 MHz
−36
dBm
Unmodulated carrier, 10 kHz RBW1
30 MHz to 1 GHz
−36
dBm
Unmodulated carrier, 100 kHz RBW1
47 MHz to 74 MHz, 87.5 MHz to
118 MHz, 174 MHz to 230 MHz,
470 MHz to 862 MHz
−54
dBm
Unmodulated carrier, 100 kHz RBW1
Otherwise Above 1 GHz
−30
dBm
Unmodulated carrier, 1 MHz RBW1
Compliance with ETSI EN 300 328
1800 MHz to 1900 MHz
−47
dBm
Unmodulated carrier
5150 MHz to 5300 MHz
−97
dBm/Hz
Compliance with FCC CFR47, Part15
4.5 GHz to 5.15 GHz
−41
dBm
1 MHz RBW1
7.25 GHz to 7.75 GHz
−41
dBm
1 MHz RBW1
Transmit EVM
2
%
Measured using Rohde & Schwarz FSU vector
analyzer with Zigbee™ option
Transmit EVM Variation
1
%
fCHANNEL = 2405 MHz to 2480 MHz, TA= −40°C to
+85°C, VDD_BAT = 1.8 V to 3.6 V
Transmit PSD Mask
−56
dBm
RBW = 100 kHz; |f – fCHANNEL| > 3.5 MHz
Transmit 20 dB Bandwidth
2252
MHz
1 RBW = resolution bandwidth.
RECEIVER SPECIFICATIONS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions
GENERAL RECEIVER SPECIFICATIONS
RF Front-End LNA and Mixer IIP3
−13.6
dBm
At maximum gain, fBLOCKER1 = 5 MHz,
fBLOCKER2 = 10.1 MHz, PRF,IN = −35 dBm
−12.6
dBm
At maximum gain, fBLOCKER1 = 20 MHz,
fBLOCKER2 = 40.1 MHz,
PRF,IN = −35 dBm
−10.5
dBm
At maximum gain, fBLOCKER1 = 40 MHz,
fBLOCKER2 = 80.1 MHz,
PRF,IN = −35 dBm


Numéro de pièce similaire - ADF7241

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
ADF7242BCPZ AD-ADF7242BCPZ Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
ADF7242BCPZ-RL AD-ADF7242BCPZ-RL Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
More results

Description similaire - ADF7241

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Freescale Semiconductor...
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com